Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9253 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG9253
Description  8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9253 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG9253 Datasheet HTML 2Page - Vishay Siliconix DG9253 Datasheet HTML 3Page - Vishay Siliconix DG9253 Datasheet HTML 4Page - Vishay Siliconix DG9253 Datasheet HTML 5Page - Vishay Siliconix DG9253 Datasheet HTML 6Page - Vishay Siliconix DG9253 Datasheet HTML 7Page - Vishay Siliconix DG9253 Datasheet HTML 8Page - Vishay Siliconix DG9253 Datasheet HTML 9Page - Vishay Siliconix DG9253 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.vishay.com
6
Document Number: 67075
S11-1550-Rev. C, 01-Aug-11
Vishay Siliconix
DG9251, DG9252, DG9253
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. VIN = input voltage to perform proper function.
b. Room - 25 °C, full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this datasheet.
e. Guaranteed by design, not subject to production test.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Charge Injectione
Q
Vg = 0 V, Rg = 0 , CL = 1 nF
Room
4.5
pC
Dynamic Characteristics
Off Isolatione
OIRR
RL = 50 , CL = 15 pF
f = 100 kHz
Room
< - 90
dB
Channel-to-Channel
Crosstalke
XTALK
Room
< - 90
Source Off Capacitancee
CS(off)
f = 1 MHz
DG9251
Room
2.6
pF
DG9252
Room
2.1
DG9253
Room
1.8
Drain Off Capacitancee
CD(off)
f = 1 MHz
DG9251
Room
10.4
DG9252
Room
5.8
DG9253
Room
4.2
Channel On Capacitancee
CD(on)
f = 1 MHz
DG9251
Room
15
DG9252
Room
9.5
DG9253
Room
8.2
Power Supplies
Power Supply Current
ICC
VIN(A, B, C and ENABLE) = 0 V or 16 V
Room
Full
0.05
1
10
1
10
µA
Negative Supply Current
IEE
Room
Full
- 0.05
- 1
- 10
- 1
- 10
Ground Current
IGND
Room
Full
- 0.05
- 1
- 10
- 1
- 10
SPECIFICATIONS (for Unipolar Supplies)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
VCC = + 16 V, VEE = 0 V
VIN(A, B, C and ENABLE) = 1.6 V, 0.5 V
a
Temp.b
Typ.c
- 40 °C to 125 °C - 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
RON vs. VD and Single Supply Voltage
0
100
200
300
400
500
600
700
0
2
4
6
8
10121416
VD - Analog Voltage (V)
T = 25 °C
I
S = 1 mA
V
CC = 5 V
V
CC = 12 V
V
CC = 16 V
V
CC = 3 V
RON vs. VD and Dual Supply Voltage
0
50
100
150
200
250
-8
-6
-4
-2
0
2
4
6
8
VD - Analog Voltage (V)
V
CC = + 5 V
V
EE = - 5 V
T = 25 °C
I
S = 1 mA
V
CC = + 6.2 V
V
EE = - 6.2 V
V
CC = + 2.7 V
V
EE = - 2.7 V
V
CC = + 8 V
V
EE = - 8 V


Similar Part No. - DG9253

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9253 VISHAY-DG9253 Datasheet
300Kb / 16P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
01-Jan-2022
DG9253EN-T1-E4 VISHAY-DG9253EN-T1-E4 Datasheet
300Kb / 16P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
01-Jan-2022
DG9253 VISHAY-DG9253_V01 Datasheet
300Kb / 16P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
01-Jan-2022
More results

Similar Description - DG9253

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9253 VISHAY-DG9253_V01 Datasheet
300Kb / 16P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
01-Jan-2022
DG9451 VISHAY-DG9451 Datasheet
182Kb / 13P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
Rev. B, 04-Oct-10
DG4051A VISHAY-DG4051A_10 Datasheet
221Kb / 16P
   8-Channel, Dual 4-Channel, Triple 2-Channel (Triple SPDT) Multiplexers
Rev. E, 21-Jun-10
DG4051A VISHAY-DG4051A_V01 Datasheet
306Kb / 18P
   8-Channel, Dual 4-Channel, Triple 2-Channel (Triple SPDT) Multiplexers
08-Feb-17
DG9453 VISHAY-DG9453_V01 Datasheet
216Kb / 13P
   8-Channel, Triple 2-Channel Multiplexers
09-Jul-2021
logo
Hitachi Semiconductor
HD74HC4052 HITACHI-HD74HC4052 Datasheet
82Kb / 16P
   Dual 4-channel, Triple 2-channel Analog Multiplexers/Demultiplexers/
logo
Vishay Siliconix
DG4051A VISHAY-DG4051A Datasheet
251Kb / 14P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers, with 0.5 pC Charge Injection
Rev. B, 21-Apr-08
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Maxim Integrated Produc...
MAX14752 MAXIM-MAX14752 Datasheet
174Kb / 15P
   8-Channel/Dual 4-Channel 72V Analog Multiplexers
Rev 2; 2/09
MAX14752 MAXIM-MAX14752_10 Datasheet
200Kb / 15P
   8-Channel/Dual 4-Channel 72V Analog Multiplexers
Rev 3; 7/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com