Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9052 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG9052
Description  Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9052 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG9052 Datasheet HTML 2Page - Vishay Siliconix DG9052 Datasheet HTML 3Page - Vishay Siliconix DG9052 Datasheet HTML 4Page - Vishay Siliconix DG9052 Datasheet HTML 5Page - Vishay Siliconix DG9052 Datasheet HTML 6Page - Vishay Siliconix DG9052 Datasheet HTML 7Page - Vishay Siliconix DG9052 Datasheet HTML 8Page - Vishay Siliconix DG9052 Datasheet HTML 9Page - Vishay Siliconix DG9052 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.vishay.com
6
Document Number: 73410
S11-1066-Rev. B, 30-May-11
Vishay Siliconix
DG9051, DG9052, DG9053
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Leakage parameters are guaranteed by worst case test condition and not subject to production test.
b. Room = 25°C, Full = as determined by the operating temperature suffix.
c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
g.
RDON = RDON Max - RDON Min.
h. Worst case isolation occurs on Channel 4 due to proximity to the drain pin.
i. RDON flatness is measured as the difference between the minimum and maximum measured values across a defined Analog signal.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (Single Supply 3 V)
Parameter
Symbol
Test Condition
Unless Otherwise Specified
V + = 3 V, ± 10 %, V - = 0 V
VEN = 0.4 V or 2 V
Temp.b
Limits
- 40 °C to 85°C
Unit
Min.c
Typ.d
Max.c
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
3
V
On-Resistance
RON
V + = 2.7 V, VD = 1.5 V, IS = 0.1 mA
Room
130
RON Match Between Channels
g
RON
V + = 2.7 V, VD = 1.5 V, IS = 0.1 mA
Room
12
Switch Off Leakage Currenta
IS(off)
V + = 3.3 V, VEN = 2 V
VS = 3 or 0.3 V, VD = 0.3 or 3 V
Room
Full
- 1
- 20
1
20
nA
ID(off)
Room
Full
- 1
- 20
1
20
Channel On Leakage Currenta
ID(on)
V + = 3.3 V, VEN = 0 V
VS = 3 or 0.3 V, VD = 0.3 or 3 V
Room
Full
- 2
- 10
2
10
Digital Control
Logic High Input Voltage
VINH
Full
2
V
Logic Low Input Voltage
VINL
Full
0.4
Input Currenta
IIN
VAX = VEN = 2 V or 0.4 V
Full
- 1
1
µA
Dynamic Characteristics
Transition Time
tTRANS
V + = 2.7 V, VNO/NC = 1.5 V/0 V, 0 V/1.5 V
RL = 300 , CL = 35 pF
Room
80
ns
Break-Before-Make Time
tBBM
V + = 2.7 V, VX,Y, Z = 1.5 V, VS = 0 V,
RL = 300 , CL = 35 pF
Room
Full
5
25
Enable Turn-On Time
tON(EN)
Room
90
Enable Turn-Off Time
tOFF(EN)
Room
30
Charge Injectione
Q
CL = 1 nF, VGEN = 0 V, RGEN = 0 
Room
9
pC
Off-Isolatione,h
OIRR
f = 1 MHz, RL = 50 
Room
- 78
dB
Crosstalke
XTALK
Room
- 83
Source Off Capacitancee
CS(off)
f = 1 MHz, VS = 0 V, VEN = 1.8 V
Room
5
pF
Drain Off Capacitancee
CD(off)
f = 1 MHz, VD = 0 V, VEN = 1.8 V
Room
10
Drain On Capacitancee
CD(on)
f = 1 MHz, VD = 0 V, VEN = 0 V
Room
15
Power Supply
Power Supply Current
I+
VEN = VA = 0 V or V +
Room
1
µA


Similar Part No. - DG9052

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9052 VISHAY-DG9052 Datasheet
165Kb / 12P
   Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
Rev. A, 10-Oct-05
DG9052 VISHAY-DG9052 Datasheet
239Kb / 14P
   Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
01-Jan-2022
DG9052DQ-T1-E3 VISHAY-DG9052DQ-T1-E3 Datasheet
165Kb / 12P
   Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
Rev. A, 10-Oct-05
DG9052DQ-T1-E3 VISHAY-DG9052DQ-T1-E3 Datasheet
239Kb / 14P
   Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
01-Jan-2022
More results

Similar Description - DG9052

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9051 VISHAY-DG9051 Datasheet
165Kb / 12P
   Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
Rev. A, 10-Oct-05
DG9053 VISHAY-DG9053_V01 Datasheet
239Kb / 14P
   Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
01-Jan-2022
DG3408 VISHAY-DG3408 Datasheet
170Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 30-Apr-07
DG408L VISHAY-DG408L_11 Datasheet
216Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. G, 30-May-11
DG408L VISHAY-DG408L_V01 Datasheet
277Kb / 16P
   Precision 8-Ch / Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG9408 VISHAY-DG9408 Datasheet
121Kb / 12P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. A, 05-Aug-02
DG9408 VISHAY-DG9408_11 Datasheet
228Kb / 16P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. C, 20-Jun-11
DG3408 VISHAY-DG3408_11 Datasheet
148Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. E, 28-Feb-11
DG408L VISHAY-DG408L Datasheet
93Kb / 11P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 07-Apr-03
DG408L VISHAY-DG408L_08 Datasheet
157Kb / 12P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. E, 25-Jun-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com