Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG4053A Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG4053A
Description  8-Channel, Dual 4-Channel, Triple 2-Channel (Triple SPDT) Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG4053A Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG4053A Datasheet HTML 2Page - Vishay Siliconix DG4053A Datasheet HTML 3Page - Vishay Siliconix DG4053A Datasheet HTML 4Page - Vishay Siliconix DG4053A Datasheet HTML 5Page - Vishay Siliconix DG4053A Datasheet HTML 6Page - Vishay Siliconix DG4053A Datasheet HTML 7Page - Vishay Siliconix DG4053A Datasheet HTML 8Page - Vishay Siliconix DG4053A Datasheet HTML 9Page - Vishay Siliconix DG4053A Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.vishay.com
6
Document Number: 69828
S10-1383-Rev. E, 21-Jun-10
Vishay Siliconix
DG4051A, DG4052A, DG4053A
Notes:
a. VIN = input voltage to perform proper function.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e. Guaranteed by design, not subject to production test.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS FOR UNIPOLAR SUPPLIES
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
VCC = + 3 V, VEE = 0 V
VIN(A, B, C and ENABLE) = 1.4 V, 0.6 V
a
Temp.b
Typ.c
- 40 °C to 125 °C - 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
0303
V
On-Resistance
RON
IS = 1 mA, VD = 1.5 V
Room
Full
175
265
310
265
298
Switch Off
Leakage Current
IS(off)
V+ = + 3.3 V, V- = 0 V
VD = 0.3 V/3.0 V, VS = 3.0 V/0.3 V
Room
Full
± 0.02
- 1
- 50
1
50
- 1
- 5
1
5
nA
ID(off)
Room
Full
± 0.02
- 1
- 50
1
50
- 1
- 5
1
5
Channel On
Leakage Current
ID(on)
V+ = + 3.3 V, V- = 0 V
VD = VS = 0.3 V/3.0 V
Room
Full
± 0.02
- 1
- 50
1
50
- 1
- 5
1
5
Digital Control
Input Current, VIN Low
IL
VIN(A, B, C and ENABLE)
under test = 0.6 V
Full
0.01
- 1
1
- 1
1
µA
Input Current, VIN High
IH
VIN(A, B, C and ENABLE)
under test = 1.4 V
Full
0.01
- 1
1
- 1
1
Dynamic Characteristics
Transition Time
tTRANS
RL = 300 , CL = 35 pF
see figure 1, 2, 3
Room
Full
81
172
218
172
194
ns
Enable Turn-On Time
tON
Room
Full
71
151
183
151
167
Enable Turn-Off Time
tOFF
Room
Full
69
138
161
138
151
Break-Before-Make
Time Delay
tD
Room
Full
11
Charge Injectione
Q
Vg = 0 V, Rg = 0 , CL = 1 nF
Room
0.5
pC
Off Isolatione
OIRR
RL = 50 , CL = 1 pF
f = 100 kHz
Room
< - 90
dB
Channel-to-Channel
Crosstalke
XTALK
Room
< - 90
Source Off Capacitancee
CS(off)
f = 1 MHz
DG4051A
Room
4
pF
DG4052A
Room
3
DG4053A
Room
4
Drain Off Capacitancee
CD(off)
f = 1 MHz
DG4051A
Room
14
DG4052A
Room
8
DG4053A
Room
5
Channel On
Capacitancee
CD(on)
f = 1 MHz
DG4051A
Room
19
DG4052A
Room
14
DG4053A
Room
11
Power Supplies
Power Supply Current
I+
VIN(A, B, C and ENABLE) = 0 V or 3 V
Room
Full
0.05
1
10
1
10
µA
Negative Supply Current
I-
Room
Full
- 0.05
- 1
- 10
- 1
- 10
Ground Current
IGND
Room
Full
- 0.05
- 1
- 10
- 1
- 10


Similar Part No. - DG4053A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG4053A VISHAY-DG4053A Datasheet
251Kb / 14P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers, with 0.5 pC Charge Injection
Rev. B, 21-Apr-08
DG4053A VISHAY-DG4053A Datasheet
306Kb / 18P
   8-Channel, Dual 4-Channel, Triple 2-Channel (Triple SPDT) Multiplexers
08-Feb-17
DG4053AEN-T1-E4 VISHAY-DG4053AEN-T1-E4 Datasheet
251Kb / 14P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers, with 0.5 pC Charge Injection
Rev. B, 21-Apr-08
DG4053AEQ-T1-E3 VISHAY-DG4053AEQ-T1-E3 Datasheet
251Kb / 14P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers, with 0.5 pC Charge Injection
Rev. B, 21-Apr-08
More results

Similar Description - DG4053A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG4051A VISHAY-DG4051A_V01 Datasheet
306Kb / 18P
   8-Channel, Dual 4-Channel, Triple 2-Channel (Triple SPDT) Multiplexers
08-Feb-17
DG9253 VISHAY-DG9253_V01 Datasheet
300Kb / 16P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
01-Jan-2022
DG9251 VISHAY-DG9251 Datasheet
273Kb / 15P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
Rev. C, 01-Aug-11
DG9451 VISHAY-DG9451 Datasheet
182Kb / 13P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
Rev. B, 04-Oct-10
DG9453 VISHAY-DG9453_V01 Datasheet
216Kb / 13P
   8-Channel, Triple 2-Channel Multiplexers
09-Jul-2021
logo
Hitachi Semiconductor
HD74HC4052 HITACHI-HD74HC4052 Datasheet
82Kb / 16P
   Dual 4-channel, Triple 2-channel Analog Multiplexers/Demultiplexers/
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Vishay Siliconix
DG4051A VISHAY-DG4051A Datasheet
251Kb / 14P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers, with 0.5 pC Charge Injection
Rev. B, 21-Apr-08
logo
Unisonic Technologies
4053 UTC-4053 Datasheet
197Kb / 7P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4053 UTC-4053_12 Datasheet
197Kb / 7P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com