Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG3539 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG3539
Description  4ohm, 360 MHz, Dual SPST Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3539 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG3539 Datasheet HTML 2Page - Vishay Siliconix DG3539 Datasheet HTML 3Page - Vishay Siliconix DG3539 Datasheet HTML 4Page - Vishay Siliconix DG3539 Datasheet HTML 5Page - Vishay Siliconix DG3539 Datasheet HTML 6Page - Vishay Siliconix DG3539 Datasheet HTML 7Page - Vishay Siliconix DG3539 Datasheet HTML 8Page - Vishay Siliconix DG3539 Datasheet HTML 9Page - Vishay Siliconix DG3539 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Document Number: 73320
S11-0303-Rev. D, 28-Feb-11
www.vishay.com
9
Vishay Siliconix
DG3537, DG3538, DG3539, DG3540
PACKAGE OUTLINE
MICRO FOOT: 8 BUMP (3 x 3, 0.5 mm PITCH, 0.238 mm BUMP HEIGHT)
Notes (Unless Otherwise Specified):
a. Bump is Lead (Pb)-free Sn/Ag/Cu.
b. Non-solder mask defined copper landing pad.
c. Laser Mark on silicon die back; back-lapped, no coating. Shown is not actual marking; sample only.
Notes:
a. Use millimeters as the primary measurement.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?73320.
Index-Bump A1
Note c
Top Side (Die Back)
XXX
3540
Recommended Land Pattern
0.5
0.5
8 x Ø 0.150
0.229
Note b
Solder Mask Ø
Pad Diameter + 0.1
Bump
Note a
21
A
B
e
D
A
A2
A1
S
S
E
Silicon
C
3
b Diameter
e
e
e
Millimetersa
Inches
Dim.
Min.
Max.
Min.
Max.
A
0.688
0.753
0.0271
0.0296
A1
0.218
0.258
0.0086
0.0102
A2
0.470
0.495
0.0185
0.0195
b
0.306
0.346
0.0120
0.0136
D
1.480
1.520
0.0583
0.0598
E
1.480
1.520
0.0583
0.0598
e
0.5 BASIC
0.0197 BASIC
S
0.230
0.270
0.0091
0.0106


Similar Part No. - DG3539

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3539 VISHAY-DG3539 Datasheet
129Kb / 10P
   4-Ω, 360-MHz, Dual SPST Analog Switches
Rev. C, 30-Apr-07
DG3539DB VISHAY-DG3539DB Datasheet
30Kb / 1P
   MICRO FOOT 3x3 0.5-mm PITCH, 0.238-mm BUMP HEIGHT
07-Mar-05
DG3539DB-T5 VISHAY-DG3539DB-T5 Datasheet
30Kb / 1P
   MICRO FOOT 3x3 0.5-mm PITCH, 0.238-mm BUMP HEIGHT
07-Mar-05
DG3539DB-T5-E1 VISHAY-DG3539DB-T5-E1 Datasheet
129Kb / 10P
   4-Ω, 360-MHz, Dual SPST Analog Switches
Rev. C, 30-Apr-07
More results

Similar Description - DG3539

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2537 VISHAY-DG2537 Datasheet
156Kb / 9P
   4ohm Dual SPST Switches
Rev. A, 01-Aug-11
DG3537 VISHAY-DG3537 Datasheet
129Kb / 10P
   4-Ω, 360-MHz, Dual SPST Analog Switches
Rev. C, 30-Apr-07
DG721 VISHAY-DG721 Datasheet
207Kb / 10P
   1.8 V to 5.5 V, 4ohm Dual SPST Switches
Rev. E, 01-Aug-11
logo
Maxim Integrated Produc...
MAX4667 MAXIM-MAX4667 Datasheet
163Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4680 MAXIM-MAX4680 Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4607 MAXIM-MAX4607_12 Datasheet
185Kb / 11P
   2.5Ω, Dual, SPST, CMOS Analog Switches
Rev 3; 9/12
logo
Intersil Corporation
HI-200 INTERSIL-HI-200 Datasheet
383Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
October 1999
logo
Harris Corporation
DG201CJ HARRIS-DG201CJ Datasheet
90Kb / 8P
   CMOS Dual/Quad SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4607 MAXIM-MAX4607_10 Datasheet
149Kb / 11P
   2.5Ω, Dual, SPST, CMOS Analog Switches
Rev 2; 3/10
MAX4580 MAXIM-MAX4580_03 Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com