Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG3516 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG3516
Description  300 MHz, 2.5ohm, Dual SPDT Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3516 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG3516 Datasheet HTML 1Page - Vishay Siliconix DG3516 Datasheet HTML 2Page - Vishay Siliconix DG3516 Datasheet HTML 3Page - Vishay Siliconix DG3516 Datasheet HTML 4Page - Vishay Siliconix DG3516 Datasheet HTML 5Page - Vishay Siliconix DG3516 Datasheet HTML 6Page - Vishay Siliconix DG3516 Datasheet HTML 7Page - Vishay Siliconix DG3516 Datasheet HTML 8Page - Vishay Siliconix DG3516 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 73404
S11-1185-Rev. D, 13-Jun-11
Vishay Siliconix
DG3516, DG3517
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Signals on NC, NO, or COM or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. Refer to IPC/JEDEC (J-STD-020B).
c. All bumps welded or soldered to PC board.
d. Derate 5.7 mW/°C above 70 °C.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
Reference V+ to GND
- 0.3 to + 6
V
IN, COM, NC, NOa
- 0.3 to (V+ + 0.3)
Continuous Current (NO, NC, COM)
± 100
mA
Peak Current (Pulsed at 1 ms, 10 % duty cycle)
± 200
Storage Temperature
(D Suffix)
- 65 to 150
°C
Package Solder Reflow Conditionsb
IR/Convection
250
ESD per Method 3015.7
> 2
kV
Power Dissipation (Packages)c
MICRO FOOT: 10 Bump (4 mm x 3 mm)d
457
mW
SPECIFICATIONS (V+ = 3 V)
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 2.7 V to 3.6 V, VIN = 0.5 V or 1.4 V
e
Temp.a
Limits
- 40 °C to 85 °C
Unit
Min.b
Typ.c
Max.b
Analog Switch
Analog Signal Ranged
VNO, VNC,
VCOM
Full
0
V+
V
On-Resistanced
RON
V+ = 2.7 V
INO, INC = 10 mA
VCOM = 1.5 V
Room
Full
2.5
3.5
3.8
RON Flatness
d
RON
Flatness
VCOM = 1, 1.5, 2 V
Room
0.52
1
On-Resistance
Match Between Channelsd
RDS(on)
VCOM = 1.5 V
Room
0.25
Switch Off Leakage Current
INO(off)
INC(off)
V+ = 3.3 V,
VNO, VNC = 0.3 V/3 V, VCOM = 3 V/0.3 V
Room
Full
- 2
- 20
2
20
nA
ICOM(off)
Room
Full
- 2
- 20
2
20
Channel-On Leakage Current
ICOM(on)
V+ = 3.3 V, VNO, VNC = VCOM = 0.3 V/3 V
Room
Full
- 2
- 20
2
20
Digital Control
Input High Voltaged
VINH
Full
1.4
V
Input Low Voltage
VINL
Full
0.5
Input Capacitance
Cin
Full
5
pF
Input Current
IINL or IINH
VIN = 0 V or V+
Full
1
1
µA


Similar Part No. - DG3516

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3516 VISHAY-DG3516 Datasheet
127Kb / 10P
   300-MHz, 2.5-Ω, Dual SPDT Analog Switches
Rev. C, 30-Apr-07
DG3516 VISHAY-DG3516 Datasheet
180Kb / 11P
   300 MHz, 2.5 廓, Dual SPDT Analog Switches
01-Jan-2022
DG3516DB VISHAY-DG3516DB Datasheet
19Kb / 1P
   Device Orientation Options for Analog ICs
05-Apr-05
DG3516DB-T5-E1 VISHAY-DG3516DB-T5-E1 Datasheet
127Kb / 10P
   300-MHz, 2.5-Ω, Dual SPDT Analog Switches
Rev. C, 30-Apr-07
DG3516DB-T5-E1 VISHAY-DG3516DB-T5-E1 Datasheet
180Kb / 11P
   300 MHz, 2.5 廓, Dual SPDT Analog Switches
01-Jan-2022
More results

Similar Description - DG3516

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG787 VISHAY-DG787_V01 Datasheet
149Kb / 10P
   300-MHz, 2.5-廓, Dual SPDT Analog Switches
02-Oct-12
DG3516 VISHAY-DG3516_V01 Datasheet
180Kb / 11P
   300 MHz, 2.5 廓, Dual SPDT Analog Switches
01-Jan-2022
DG787 VISHAY-DG787 Datasheet
149Kb / 10P
   300-MHz, 2.5-ohm, Dual SPDT Analog Switches
Rev. B, 28-Sep-09
DG3516 VISHAY-DG3516 Datasheet
127Kb / 10P
   300-MHz, 2.5-Ω, Dual SPDT Analog Switches
Rev. C, 30-Apr-07
logo
Maxim Integrated Produc...
MAX4686 MAXIM-MAX4686 Datasheet
183Kb / 8P
   2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 1; 2/03
logo
Intersil Corporation
ISL54503 INTERSIL-ISL54503 Datasheet
356Kb / 13P
   1.8V to 5.5V, 2.5OHM, Single SPDT Analog Switch
ISL54504 INTERSIL-ISL54504 Datasheet
334Kb / 12P
   1.8V to 5.5V, 2.5OHM, Single SPST Analog Switches
logo
Monolithic Power System...
EV2735DQG-00A MPS-EV2735DQG-00A Datasheet
173Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Vishay Siliconix
DG2535E VISHAY-DG2535E Datasheet
167Kb / 10P
   0.3 Ω, Low Voltage Dual SPDT Analog Switches
Rev. A, 30-Jan-17
logo
Monolithic Power System...
MP2735 MPS-MP2735 Datasheet
469Kb / 10P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com