Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG3516 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG3516
Description  300 MHz, 2.5ohm, Dual SPDT Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3516 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG3516_11 Datasheet HTML 1Page - Vishay Siliconix DG3516_11 Datasheet HTML 2Page - Vishay Siliconix DG3516_11 Datasheet HTML 3Page - Vishay Siliconix DG3516_11 Datasheet HTML 4Page - Vishay Siliconix DG3516_11 Datasheet HTML 5Page - Vishay Siliconix DG3516_11 Datasheet HTML 6Page - Vishay Siliconix DG3516_11 Datasheet HTML 7Page - Vishay Siliconix DG3516_11 Datasheet HTML 8Page - Vishay Siliconix DG3516_11 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 73404
S11-1185-Rev. D, 13-Jun-11
www.vishay.com
3
Vishay Siliconix
DG3516, DG3517
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFICATIONS (V+ = 3 V)
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 2.7 V to 3.6 V, VIN = 0.5 V or 1.4 V
e
Temp.a
Limits
- 40 °C to 85 °C
Unit
Min.b
Typ.c
Max.b
Dynamic Characteristics
Turn-On Time
tON
V+ = 2.7 V, VNO or VNC = 1.5 V
RL = 300 , CL = 35 pF
Room
Full
21
51
52
ns
Turn-Off Time
tOFF
Room
Full
15
45
46
Break-Before-Make Time
td
Full
1
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 2 V, RGEN = 0 
Room
1
pC
Off-Isolationd
OIRR
RL = 50, CL = 5 pF
f = 1 MHz
Room
- 74
dB
f = 10 MHz
Room
- 54
Crosstalkd
XTALK
f = 1 MHz
Room
- 76
f = 10 MHz
Room
- 56
NO, NC Off Capacitance
d
CNO(off)
VIN = 0 or V+, f = 1 MHz
Room
12
pF
CNC(off)
Room
12
Channel-On Capacitanced
CNO(on)
Room
40
CNC(on)
Room
40
Power Supply
Power Supply Current
I+
VIN = 0 V or V+
Room
Full
1
1
µA


Similar Part No. - DG3516_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3516DB VISHAY-DG3516DB Datasheet
19Kb / 1P
   Device Orientation Options for Analog ICs
05-Apr-05
DG3516DB-T5-E1 VISHAY-DG3516DB-T5-E1 Datasheet
127Kb / 10P
   300-MHz, 2.5-Ω, Dual SPDT Analog Switches
Rev. C, 30-Apr-07
DG3516DB-T5-E1 VISHAY-DG3516DB-T5-E1 Datasheet
180Kb / 11P
   300 MHz, 2.5 廓, Dual SPDT Analog Switches
01-Jan-2022
DG3516 VISHAY-DG3516_V01 Datasheet
180Kb / 11P
   300 MHz, 2.5 廓, Dual SPDT Analog Switches
01-Jan-2022
More results

Similar Description - DG3516_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG787 VISHAY-DG787_V01 Datasheet
149Kb / 10P
   300-MHz, 2.5-廓, Dual SPDT Analog Switches
02-Oct-12
DG3516 VISHAY-DG3516_V01 Datasheet
180Kb / 11P
   300 MHz, 2.5 廓, Dual SPDT Analog Switches
01-Jan-2022
DG787 VISHAY-DG787 Datasheet
149Kb / 10P
   300-MHz, 2.5-ohm, Dual SPDT Analog Switches
Rev. B, 28-Sep-09
DG3516 VISHAY-DG3516 Datasheet
127Kb / 10P
   300-MHz, 2.5-Ω, Dual SPDT Analog Switches
Rev. C, 30-Apr-07
logo
Maxim Integrated Produc...
MAX4686 MAXIM-MAX4686 Datasheet
183Kb / 8P
   2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 1; 2/03
logo
Intersil Corporation
ISL54503 INTERSIL-ISL54503 Datasheet
356Kb / 13P
   1.8V to 5.5V, 2.5OHM, Single SPDT Analog Switch
ISL54504 INTERSIL-ISL54504 Datasheet
334Kb / 12P
   1.8V to 5.5V, 2.5OHM, Single SPST Analog Switches
logo
Monolithic Power System...
EV2735DQG-00A MPS-EV2735DQG-00A Datasheet
173Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Vishay Siliconix
DG2535E VISHAY-DG2535E Datasheet
167Kb / 10P
   0.3 Ω, Low Voltage Dual SPDT Analog Switches
Rev. A, 30-Jan-17
logo
Monolithic Power System...
MP2735 MPS-MP2735 Datasheet
469Kb / 10P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com