Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3V60 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # S3V60
Description  General Purpose Rectifiers(600V 3.5A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S3V60 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  S3V60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S3V60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S3V60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S3V60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd S3V60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S3V60
600V 3.5A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
RATINGS
SHINDENGEN
Unit : mm
Conventional Rectification
Power source(Power Supply)
Home Appliances, Office Equipment
Telecommunication, Factory Automation
APPLICATION
High voltage
High reliability with superior moisture
resistance
Applicable to Automatic Insertion
FEATURES
Case : AX14
General Purpose Rectifiers
Single
●Absolute Maximum Ratings (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼150
Operating Junction Temperature
Tj
150
Maximum Reverse Voltage
VRM
600
V
Average Rectified Forward Current
Io
50Hz sine wave, R-load, Ta=40℃
With 20×20×1mm copper plate
3.5
A
50Hz sine wave, R-load, Ta=40℃
Without heatsink
2.6
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25℃
120
A
Current Squared Time
I
2t
1ms≦t<10ms Tj=25℃
60
A
2s
●Electrical Characteristics (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=2.6A
Pulse measurement
Max. 1.05
V
Reverse Current
IR
V
R =VRM,
Pulse measurement
Max. 10
μA
Thermal Resistance
θjl
junction to lead
Max.6.5
℃/W


Similar Part No. - S3V60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S3V60 SHINDENGEN-S3V60_17 Datasheet
415Kb / 4P
   Axial Diode
More results

Similar Description - S3V60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S3V20 SHINDENGEN-S3V20 Datasheet
361Kb / 5P
   General Purpose Rectifiers(200V 3.5A)
D3SB60 SHINDENGEN-D3SB60 Datasheet
298Kb / 6P
   General Purpose Rectifiers(600V 4A)
D4F60 SHINDENGEN-D4F60 Datasheet
339Kb / 7P
   General Purpose Rectifiers(600V 4A)
D5SB60 SHINDENGEN-D5SB60 Datasheet
325Kb / 6P
   General Purpose Rectifiers(600V 6A)
D5SBA60 SHINDENGEN-D5SBA60 Datasheet
275Kb / 5P
   General Purpose Rectifiers(600V 6A)
LN4SB60 SHINDENGEN-LN4SB60 Datasheet
338Kb / 6P
   General Purpose Rectifiers(600V 4A)
S1VBA60 SHINDENGEN-S1VBA60 Datasheet
271Kb / 5P
   General Purpose Rectifiers(600V 1A)
S1YB60 SHINDENGEN-S1YB60 Datasheet
283Kb / 5P
   General Purpose Rectifiers(600V 0.4A)
S1ZB60 SHINDENGEN-S1ZB60 Datasheet
297Kb / 6P
   General Purpose Rectifiers(600V 0.8A)
U4SBA60 SHINDENGEN-U4SBA60 Datasheet
319Kb / 6P
   General Purpose Rectifiers(600V 4A)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com