Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG3157 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG3157
Description  High-Speed, Low RON, SPDT Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3157 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG3157_09 Datasheet HTML 1Page - Vishay Siliconix DG3157_09 Datasheet HTML 2Page - Vishay Siliconix DG3157_09 Datasheet HTML 3Page - Vishay Siliconix DG3157_09 Datasheet HTML 4Page - Vishay Siliconix DG3157_09 Datasheet HTML 5Page - Vishay Siliconix DG3157_09 Datasheet HTML 6Page - Vishay Siliconix DG3157_09 Datasheet HTML 7Page - Vishay Siliconix DG3157_09 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vishay Siliconix
DG3157
Document Number: 72648
S09-0294-Rev. D, 23-Feb-09
www.vishay.com
1
High-Speed, Low RON, SPDT Analog Switch
(2:1 Multiplexer/Demultiplexer Bus Switch)
FEATURES
Halogen-free According to IEC 61249-2-21
• Direct cross to industry standard
SN74LVC1G3157, NC7SB3157,
NLASB3175, Pl5A3157, and STG3157
SC-70 6-lead package
1.65 V to 5.5 V VCC operation
•5
Ω connection between ports
Minimal propagation delay
Break-before-make switching
Zero bounce in flow-through mode
DESCRIPTION
The DG3157 is a high-speed single-pole double-throw, low
power, TTL-Compatible bus switch. Using sub-micro CMOS
technology, the DG3157 achieves low on-resistance and
negligible propagation delay.
The DG3157 can handle both analog and digital signals and
permits signals with amplitudes of up to VCC to be
transmitted in either direction.
When the Select pin is low, B0 is connected to the output A
pin. When the Select pin is high, B1 is connected to the
output A pin. The path that is open will have a high-
impedance state with respect to the output. Make-before-
break is guaranteed. An eptiaxial layer prevents latch-up.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
S
A
1
2
3
6
Top View
B1
GND
B0
4
SC-70
6-Pin
5
V+
Device Marking: G1
TRUTH TABLE
Logic Input (S)
Function
0
B0 Connected to A
1
B1 Connected to A
ORDERING INFORMATION
Temp. Range
Package
Part Number
- 40 °C to 85 °C
SC-70-6
DG3157DL-T1-E3
DG3157DL-T1-GE3
(Halogen-free)


Similar Part No. - DG3157_09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3157 VISHAY-DG3157_08 Datasheet
103Kb / 7P
   High-Speed, Low rON, SPDT Analog Switch (2:1 Multiplexer/Demultiplexer Bus Switch)
Rev. C, 30-Apr-07
More results

Similar Description - DG3157_09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2307 VISHAY-DG2307 Datasheet
105Kb / 7P
   High-Speed, Low rON, SPDT Analog Switch
Rev. B, 30-Apr-07
DG3157 VISHAY-DG3157_V01 Datasheet
129Kb / 8P
   High-Speed, Low RON, SPDT Analog Switch
01-Jan-2022
DG2302 VISHAY-DG2302 Datasheet
30Kb / 4P
   High-Speed, Low rON, SPST Analog Switch
Rev. A, 03-Mar-03
DG3157 VISHAY-DG3157_08 Datasheet
103Kb / 7P
   High-Speed, Low rON, SPDT Analog Switch (2:1 Multiplexer/Demultiplexer Bus Switch)
Rev. C, 30-Apr-07
DG3157 VISHAY-DG3157 Datasheet
82Kb / 6P
   High-Speed, Low rON, SPDT Analog Switch (2:1 Multiplexer/Demultiplexer Bus Switch)
Rev. A, 15-Dec-03
logo
Protek Devices
PA2011 PROTEC-PA2011 Datasheet
275Kb / 8P
   Low-Voltage, Low RON, Single SPDT Analog Switch.
logo
Alpha & Omega Semicondu...
AOZ6134 AOSMD-AOZ6134 Datasheet
343Kb / 9P
   High Performance, Low RON, 1 ohm SPDT Analog Switch
logo
Leshan Radio Company
LR1553 LRC-LR1553 Datasheet
160Kb / 8P
   0.6 Low Ron??0MHz High BW SPDT Analog Switch
logo
Alpha & Omega Semicondu...
AOZ6135 AOSMD-AOZ6135 Datasheet
454Kb / 11P
   High Performance, Low RON, 1廓 SPDT Analog Switch
logo
Fairchild Semiconductor
FSA2257 FAIRCHILD-FSA2257_09 Datasheet
980Kb / 11P
   Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com