Electronic Components Datasheet Search |
|
LC863316C Datasheet(PDF) 15 Page - Sanyo Semicon Device |
|
LC863316C Datasheet(HTML) 15 Page - Sanyo Semicon Device |
15 / 21 page LC863364C/56C/48C/40C/32C/28C/24C/20C/16C No.A0116-15/21 Sample Current Dissipation Characteristics at Ta = -10°C to +70°C, VSS = 0V The sample current dissipation characteristics is the measurement result of Sanyo provided evaluation board when the recommended circuit parameters shown in the sample oscillation circuit characteristics are used externally. The currents through the output transistors and the pull-up MOS transistors are ignored. Ratings Parameter Symbol Pins Conditions VDD[V] min typ max unit Current dissipation during basic operation (Note 5) IDDOP(1) VDD •FmX’tal=32.768kHz X’tal oscillation •System clock : VCO •VCO for OSD operating •Internal RC oscillation stops 4.5 to 5.5 8 21 mA IDDHALT(1) VDD •HALT mode •FmX’tal=32.768kHz X’tal oscillation •System clock : VCO •VCO for OSD stops •Internal RC oscillation stops 4.5 to 5.5 3 9 mA IDDHALT(2) VDD •HALT mode •FmX’tal=32.768kHz X’tal oscillation •VCO for system stops •VCO for OSD stops •System clock : Internal RC 4.5 to 5.5 300 1000 Current dissipation in HALT mode (Note 5) IDDHALT(3) VDD •HALT mode •FmX’tal=32.768kHz X’tal oscillation •VCO for system stops •VCO for OSD stops •System clock : X’tal 4.5 to 5.5 45 200 µA Current dissipation in HOLD mode (Note 5) IDDHOLD VDD •HOLD mode •All oscillation stops. 4.5 to 5.5 0.05 20 µA Note 5: The currents through the output transistors and the pull-up MOS transistors are ignored. |
Similar Part No. - LC863316C |
|
Similar Description - LC863316C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |