Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC863432C Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC863432C
Description  8-bit 1-chip Microcontroller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863432C Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC863432C Datasheet HTML 1Page - Sanyo Semicon Device LC863432C Datasheet HTML 2Page - Sanyo Semicon Device LC863432C Datasheet HTML 3Page - Sanyo Semicon Device LC863432C Datasheet HTML 4Page - Sanyo Semicon Device LC863432C Datasheet HTML 5Page - Sanyo Semicon Device LC863432C Datasheet HTML 6Page - Sanyo Semicon Device LC863432C Datasheet HTML 7Page - Sanyo Semicon Device LC863432C Datasheet HTML 8Page - Sanyo Semicon Device LC863432C Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LC863448C/40C/32C/28C/24C/20C/16C
No.A0117-3/18
Bus Cycle Time / Instruction-Cycle Time
Bus Cycle Time
Instruction Cycle Time
Clock Divider
System Clock Oscillation
Oscillation Frequency
Voltage
0.424
μs
0.848
μs
1/2
Internal VCO
(Ref: X'tal 32.768kHz)
14.156MHz
4.5V to 5.5V
7.5
μs
15.0
μs
1/2
Internal RC
800kHz
4.5V to 5.5V
91.55
μs
183.1
μs
1/1
Crystal
32.768kHz
4.5V to 5.5V
183.1
μs
366.2
μs
1/2
Crystal
32.768kHz
4.5V to 5.5V
Ports
• Input / Output Ports
: 4 ports (23 terminals)
Data direction programmable in nibble units
: 1 port (8 terminals)
(If the N-ch open drain output is selected by option, the corresponding port data can be read in output mode.)
Data direction programmable for each bit individually: 3 ports (15 terminals)
AD Converter
• 4 channels×6-bit AD converters
Serial Interfaces
• IIC-bus compliant serial interface (Multi-master type)
Consists of a single built-in circuit with two I/O channels. The two data lines and two clock lines can be connected
internally.
PWM Output
• 3 channels×7-bit PWM
Timer
• Timer 0: 16-bit timer/counter
With 2-bit prescaler + 8-bit programmable prescaler
Mode 0: Two 8-bit timers with a programmable prescaler
Mode 1: 8-bit timer with a programmable prescaler + 8-bit counter
Mode 2: 16-bit timer with a programmable prescaler
Mode 3: 16-bit counter
The resolution of timer is 1 tCYC.
• Base Timer
Generate every 500ms overflow for a clock application
(using 32.768kHz crystal oscillation for the base timer clock)
Generate every 976
μs, 3.9ms, 15.6ms, 62.5ms overflow
(using 32.768kHz crystal oscillation for the base timer clock)
Clock for the base timer is selectable from 32.768kHz crystal oscillation, system clock or programmable prescaler
output of Timer 0
Remote Control Receiver Circuit (connected to the P73/INT3/T0IN terminal)
• Noise rejection function
• Polarity switching
Watchdog Timer
External RC circuit is required
Interrupt or system reset is activated when the timer overflows
ROM Correction Function
Max 128 bytes / 2 addresses


Similar Part No. - LC863432C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC863432B SANYO-LC863432B Datasheet
528Kb / 17P
   8-bit 1-chip Microcontroller
More results

Similar Description - LC863432C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com