Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC863448C Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC863448C
Description  8-bit 1-chip Microcontroller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863448C Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC863448C Datasheet HTML 4Page - Sanyo Semicon Device LC863448C Datasheet HTML 5Page - Sanyo Semicon Device LC863448C Datasheet HTML 6Page - Sanyo Semicon Device LC863448C Datasheet HTML 7Page - Sanyo Semicon Device LC863448C Datasheet HTML 8Page - Sanyo Semicon Device LC863448C Datasheet HTML 9Page - Sanyo Semicon Device LC863448C Datasheet HTML 10Page - Sanyo Semicon Device LC863448C Datasheet HTML 11Page - Sanyo Semicon Device LC863448C Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LC863448C/40C/32C/28C/24C/20C/16C
No.A0117-8/18
Pin Description
Pin Description Table
Terminal
I/O
Function Description
Option
VSS
-
Negative power supply
XT1
I
Input terminal for crystal oscillator
XT2
O
Output terminal for crystal oscillator
VDD
-
Positive power supply
RES
I
Reset terminal
FILT
O
Filter terminal for PLL
CVIN
I
Video signal input terminal
VS
I
Vertical synchronization signal input terminal
HS
I
Horizontal synchronization signal input terminal
R
O
Red (R) output terminal of RGB image output
G
O
Green (G) output terminal of RGB image output
B
O
Blue (B) output terminal of RGB image output
BL
O
Fast blanking control signal
Switch TV image signal and caption/OSD image signal
Port 0
P00 to P07
I/O
• 8-bit input/output port,
Input/output can be specified in nibble unit
(If the N-ch open drain output is selected by option, the corresponding port data
can be read in output mode.)
• Other functions
AD converter input port (P04 to P07: 4 channels)
Pull-up resistor
provided/not provided
Output Format
CMOS/Nch-OD
Port 1
• 8-bit input/output port
Input/output can be specified for each bit
(programmable pull-up resister provided)
• Other functions
P10
P11
P12
P13
P14
P15
P16
IIC0 data I/O
IIC0 clock output
IIC1 data I/O
IIC1 clock output
PWM1 output
PWM2 output
PWM3 output
P10 to P17
I/O
Output Format
CMOS/Nch-OD
Port 3
P30 to P32
I/O
• 3-bit input/output port
Input/output can be specified for each bit
(CMOS output/input with programmable pull-up resister)
Port 7
• 4-bit input/output port
Input or output can be specified for each bit
P70: I/O with programmable pull-up resister
P71 to P73: CMOS output/input with programmable pull-up resister
• Other functions
P70
P71
P72
P73
INT0 input/HOLD release input/
Nch-Tr. output for watchdog timer
INT1 input/HOLD release input
INT2 input/Timer 0 event input
INT3 input (noise rejection filter connected)/
Timer 0 event input
Interrupt receiver format, vector addresses
Rising
Falling
Rising/
Falling
H level
L level
Vector
INT0
enable
enable
disable
enable
enable
03H
INT1
enable
enable
disable
enable
enable
0BH
INT2
enable
enable
enable
disable
disable
13H
INT3
enable
enable
enable
disable
disable
1BH
P70
P71 to P73
I/O
Note: A capacitor of at least 10µF must be inserted between VDD and VSS when using this IC.


Similar Part No. - LC863448C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863448B SANYO-LC863448B Datasheet
528Kb / 17P
   8-bit 1-chip Microcontroller
More results

Similar Description - LC863448C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com