Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC863256C Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC863256C
Description  8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863256C Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC863256C Datasheet HTML 6Page - Sanyo Semicon Device LC863256C Datasheet HTML 7Page - Sanyo Semicon Device LC863256C Datasheet HTML 8Page - Sanyo Semicon Device LC863256C Datasheet HTML 9Page - Sanyo Semicon Device LC863256C Datasheet HTML 10Page - Sanyo Semicon Device LC863256C Datasheet HTML 11Page - Sanyo Semicon Device LC863256C Datasheet HTML 12Page - Sanyo Semicon Device LC863256C Datasheet HTML 13Page - Sanyo Semicon Device LC863256C Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LC863264C/56C/48C/40C/32C/28C/24C/20C/16C
No.A0115-10/21
Absolute Maximum Ratings / Ta = 25°C, VSS = 0V
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min
typ
max
unit
Maximum supply
voltage
VDD max
VDD
-0.3
+6.5
Input voltage
VI(1)
RES
, HS , VS , CVIN
-0.3
VDD+0.3
Output voltage
VO(1)
R, G, B, I, BL, FILT
-0.3
VDD+0.3
Input/output voltage
VIO
Ports 0, 1, 6, 7, 8
-0.3
VDD+0.3
V
IOPH(1)
Ports 0, 1, 7, 8
•CMOS output
•For each pin.
-4
Peak
output
current
IOPH(2)
R, G, B, I, BL
•CMOS output
•For each pin.
-5
ΣIOAH(1)
Ports 0, 1
Total of all pins.
-20
ΣIOAH(2)
Ports 7, 8
Total of all pins.
-10
High
level
output
current
Total
output
current
ΣIOAH(3)
R, G, B, I, BL
Total of all pins.
-15
IOPL(1)
Ports 0, 1, 6, 8
For each pin.
20
IOPL(2)
Port 7
For each pin.
15
Peak
output
current
IOPL(3)
R, G, B, I, BL
For each pin.
5
ΣIOAL(1)
Ports 0, 1
Total of all pins.
40
ΣIOAL(2)
Ports 6, 7, 8
Total of all pins.
40
Low
level
output
current
Total
output
current
ΣIOAL(3)
R, G, B, I, BL
Total of all pins.
15
mA
DIP42S
715
Maximum power
dissipation
Pd max
QIP48E
Ta=-10 to +70ºC
385
mW
Operating
temperature
range
Topr
-10
+70
Storage
temperature
range
Tstg
-55
+125
ºC


Similar Part No. - LC863256C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863256 SANYO-LC863256 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
LC863256A SANYO-LC863256A Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
More results

Similar Description - LC863256C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com