Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC749880T Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC749880T
Description  Silicon gate Image controller LSI for LCD-TV
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC749880T Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC749880T Datasheet HTML 6Page - Sanyo Semicon Device LC749880T Datasheet HTML 7Page - Sanyo Semicon Device LC749880T Datasheet HTML 8Page - Sanyo Semicon Device LC749880T Datasheet HTML 9Page - Sanyo Semicon Device LC749880T Datasheet HTML 10Page - Sanyo Semicon Device LC749880T Datasheet HTML 11Page - Sanyo Semicon Device LC749880T Datasheet HTML 12Page - Sanyo Semicon Device LC749880T Datasheet HTML 13Page - Sanyo Semicon Device LC749880T Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
LC749880T
No.A1186-10/17
Continued from preceding page.
I/O format
Pin No.
Pin symbol
I/O
Format
Connected to
Remarks
105
RIN
I
C
R input of microcomputer OSD
106
GIN
I
C
G input of microcomputer OSD
107
BIN
I
C
B input of microcomputer OSD
108
BLKIN
I
C
BLK input of microcomputer OSD
109
HSO
O
E
Horizontal synchronizing signal output for microcomputer
110
VSO
O
E
Vertical synchronizing signal output for microcomputer
111
PDWN
I
B
Power DOWN (Active Lo)
112
SCL
I
B
I
2C bus clock
113
SDA
I/O
G
I
2C bus data
114
TEST
I
C
Test pin (normally, Lo)
115
MODE0
I
C
I/F mode pin
116
MODE1
I
C
I/F mode pin
117
MODE2
I
C
I/F mode pin
118
DVDD33
P
Digital 3.3V
119
DVSS
P
Digital GND
120
DVDD18
P
Digital 1.8V


Similar Part No. - LC749880T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74982W SANYO-LC74982W Datasheet
99Kb / 14P
   LCD TV Scan Converter IC
LC749870W SANYO-LC749870W Datasheet
559Kb / 45P
   Silicon gate NTSC/PAL/SECAM Digital Video Decoder
More results

Similar Description - LC749880T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC822973 SANYO-LC822973 Datasheet
214Kb / 27P
   CMOS LSI TV Image Viewer LSI
logo
OKI electronic componet...
MSM6355 OKI-MSM6355 Datasheet
706Kb / 36P
   LCD CONTROLLER LSI
logo
Toshiba Semiconductor
T7779 TOSHIBA-T7779 Datasheet
1Mb / 49P
   CRT/LCD CONTROLLER LSI
logo
Sanyo Semicon Device
LC74900 SANYO-LC74900 Datasheet
188Kb / 14P
   CMOS IC Silicon gate LCD PROCESSOR LSI for small size display
logo
Toshiba Semiconductor
T6963CFG TOSHIBA-T6963CFG Datasheet
821Kb / 47P
   DOT MATRIX LCD CONTROLLER LSI
logo
Texas Instruments
FPD80200 TI1-FPD80200_13 Datasheet
48Kb / 4P
[Old version datasheet]   LCD TV TFT-LCD Timing Controller
logo
Fujitsu Component Limit...
MB87P2020 FUJITSU-MB87P2020 Datasheet
3Mb / 356P
   Colour LCD/CRT/TV Controller
logo
STMicroelectronics
FLI8531 STMICROELECTRONICS-FLI8531 Datasheet
115Kb / 7P
   Entry level LCD TV controller
logo
Toshiba Semiconductor
JTMP0360-002S TOSHIBA-JTMP0360-002S Datasheet
2Mb / 50P
   LSI for LCD Watches
logo
List of Unclassifed Man...
SED1336 ETC1-SED1336 Datasheet
52Kb / 12P
   CMOS GRAPHIC LCD/TV CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com