Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC749403BG Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC749403BG
Description  Silicon gate LCD Picture Quality Improvement IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC749403BG Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC749403BG Datasheet HTML 1Page - Sanyo Semicon Device LC749403BG Datasheet HTML 2Page - Sanyo Semicon Device LC749403BG Datasheet HTML 3Page - Sanyo Semicon Device LC749403BG Datasheet HTML 4Page - Sanyo Semicon Device LC749403BG Datasheet HTML 5Page - Sanyo Semicon Device LC749403BG Datasheet HTML 6Page - Sanyo Semicon Device LC749403BG Datasheet HTML 7Page - Sanyo Semicon Device LC749403BG Datasheet HTML 8Page - Sanyo Semicon Device LC749403BG Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LC749403BG
No.A1948-4/13
DC Characteristics
at Ta = -40 to +85
°C, DVSS = 0V, AVSS_PLL = 0V, AVSS_OSC = 0V, SDVSS = 0V,
SDVSSQ = 0V, DVDD_IO = 1.7 to 3.6V, DVDD_SDIO = 1.7 to 1.95V,
DVDD_CORE = 1.14 to 1.26V, SDVDD = 1.7 to 1.95V, SDVDDQ = 1.7 to 1.95V
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
CMOS level inputs
0.7DVDD_IO
V
Input high-level voltage
VIH
CMOS level schmitt inputs
0.7DVDD_IO
V
CMOS level inputs
0.3DVDD_IO
V
Input low-level voltage
VIL
CMOS level schmitt inputs
0.3DVDD_IO
V
VI=DVDD_IO
10
μA
Input high-level current
IIH
VI=DVDD_IO, with pull-down resistor
100
μA
Input low-level current
IIL
VI=DVSS
-10
μA
Output high-level voltage
VOH
CMOS voltage: 2.6V to 3.6V, 1.7V to 1.9V
I/O type D: IOH = -1mA
I/O type E: IOH = -1mA (2mA mode)
IOH = -2mA (4mA mode)
I/O type F: IOH = -2mA (4mA mode)
IOH = -4mA (8mA mode)
I/O type G: IOH = -2mA
I/O type H: IOH = -1mA (2mA mode)
IOH = -2mA (4mA mode)
DVDD_IO-0.4
V
Output low-level voltage
VOL
CMOS
0.4
V
Output leakage current
IOZ
In high-impedance output mode
3
μA
condition : typ
Ta = 25
°C
DVDD_IO = 2.85V
DVDD_CORE = 1.2V
98
k
Ω
Pull-down resistance
RDN
condition : typ
Ta = 25
°C
DVDD_IO = 1.8V
DVDD_CORE = 1.2V
69
k
Ω
condition : typ
Ta = 25
°C
DVDD_IO = 2.85V
DVDD_CORE = 1.2V
QVGA, tck = 6.6MHz 10step
25
mA
Operating current drain
IDDOP
condition : typ
Ta = 25
°C
DVDD_IO = 2.85V
DVDD_CORE = 1.2V
WVGA, tck = 34.24MHz 10step
112
mA
Static current drain *1
IDDST
condition : typ
Ta = 25
°C
DVDD_IO = 2.85V
DVDD_CORE = 1.2V
Output open,
VI = DVSS or DVDD_IO
35
μA
*1: Certain input pins have build-in pull-down resistors. Thus there are cases where, due to the circuit sturucture, the static
current drain can not beguranteed.


Similar Part No. - LC749403BG

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
More results

Similar Description - LC749403BG

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
logo
Princeton Technology Co...
PT6596 PTC-PT6596 Datasheet
71Kb / 6P
   PICTURE CELL LCD DRIVER IC
logo
NXP Semiconductors
TDA4671 PHILIPS-TDA4671 Datasheet
152Kb / 16P
   Picture Signal Improvement PSI circuit
1996 Dec 11
TDA4670 PHILIPS-TDA4670 Datasheet
107Kb / 16P
   Picture Signal Improvement PSI circuit
1996 Dec 11
logo
List of Unclassifed Man...
PQA600A ETC2-PQA600A Datasheet
4Mb / 19P
   Picture Quality Analysis System
logo
Toshiba Semiconductor
TC90205FG TOSHIBA-TC90205FG Datasheet
707Kb / 18P
   Picture quality improver IC embedded T-Con signal generation
2016-04-25 Rev.1.00
logo
NXP Semiconductors
TDA9170 PHILIPS-TDA9170 Datasheet
321Kb / 22P
   YUV picture improvement processor based on histogram modification
October 1994
logo
Siemens Semiconductor G...
SDA9388X SIEMENS-SDA9388X Datasheet
74Kb / 2P
   Single-Chip Picture in Picture IC
logo
Toshiba Semiconductor
TC90202XBG TOSHIBA-TC90202XBG Datasheet
473Kb / 20P
   Picture Quality Improver IC embedded the circuit for timing control signal generation
2016-07-05 Rev.2.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com