Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2789DN-T1-E4 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG2789DN-T1-E4
Description  Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2789DN-T1-E4 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG2789DN-T1-E4 Datasheet HTML 1Page - Vishay Siliconix DG2789DN-T1-E4 Datasheet HTML 2Page - Vishay Siliconix DG2789DN-T1-E4 Datasheet HTML 3Page - Vishay Siliconix DG2789DN-T1-E4 Datasheet HTML 4Page - Vishay Siliconix DG2789DN-T1-E4 Datasheet HTML 5Page - Vishay Siliconix DG2789DN-T1-E4 Datasheet HTML 6Page - Vishay Siliconix DG2789DN-T1-E4 Datasheet HTML 7Page - Vishay Siliconix DG2789DN-T1-E4 Datasheet HTML 8Page - Vishay Siliconix DG2789DN-T1-E4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 73863
S11-0303-Rev. E, 28-Feb-11
www.vishay.com
5
Vishay Siliconix
DG2788, DG2789
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
RON vs. VCOM and Supply Voltage
RON vs. Analog Voltage and Temperature
Supply Current vs. Input Switching Frequency
0.00
0.25
0.50
0.75
1.00
1.25
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VCOM - Analog Voltage (V)
T = 25 °C
IS = 100 mA
NC Switch
V+ = 1.8 V
V+ = 2.3 V
V+ = 2.7 V
V+ = 3.0 V
V+ = 3.6 V
V+ = 4.3 V
V+ = 1.65 V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VCOM - Analog Voltage (V)
- 40 °C
IS = 100 mA
V+ = 4.3 V
85 °C
25 °C
10
10 K
100 K
10 M
100
1 K
1 M
100 m
1 m
100 µ
10 µ
1 µ
10 n
100 n
1 n
10 m
Input Switching Frequency (Hz)
V+ = 3.0 V
RON vs. Analog Voltage and Temperature
Supply Current vs. Temperature
Leakage Current vs. Temperature
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.0
0.6
1.2
1.8
2.4
3.0
VCOM - Analog Voltage (V)
- 40 °C
IS = 100 mA
V+ = 3 V
85 °C
25 °C
- 60
- 40
- 20
0
20
40
60
80
100
Temperature (°C)
10
100
1000
10 000
V+ = 3 V
VIN= 0 V
1
1000
Temperature (°C)
V+ = 3.3 V
10
100
INC(off)
ICOM(off)
ICOM(on)
- 60
- 40
- 20
0
20
40
60
80100
NC


Similar Part No. - DG2789DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2789DN-T1-E4 VISHAY-DG2789DN-T1-E4 Datasheet
142Kb / 9P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
Rev. D, 26-Feb-07
DG2789DN-T1-E4 VISHAY-DG2789DN-T1-E4 Datasheet
190Kb / 11P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
01-Jan-2022
More results

Similar Description - DG2789DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2788 VISHAY-DG2788_V01 Datasheet
190Kb / 11P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
01-Jan-2022
DG2788 VISHAY-DG2788 Datasheet
142Kb / 9P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
Rev. D, 26-Feb-07
logo
Renesas Technology Corp
ISL83699 RENESAS-ISL83699 Datasheet
608Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
FN6094 INTERSIL-FN6094 Datasheet
412Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL83699IR INTERSIL-ISL83699IR Datasheet
418Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
November 5, 2004
logo
Vishay Siliconix
DG2799 VISHAY-DG2799_08 Datasheet
155Kb / 10P
   Low Voltage, Low On-Resistance, Dual DPDT Analog Switch
Rev. F, 07-Nov-05
logo
Will Semiconductor Ltd.
WAS4799Q WILLSEMI-WAS4799Q Datasheet
795Kb / 8P
   Low On Resistance, Quad SPDT Analog Switch
logo
Vishay Siliconix
DG2523 VISHAY-DG2523 Datasheet
159Kb / 10P
   0.4 Ω, Low Resistance and Capacitance, Dual DPDT / Quad SPDT Analog Switch
Rev. A, 17-Oct-16
logo
Will Semiconductor Ltd.
WAS4723Q WILLSEMI-WAS4723Q Datasheet
558Kb / 9P
   Low On Resistance, Dual SPDT Analog Switch
WAS4728Q WILLSEMI-WAS4728Q Datasheet
558Kb / 9P
   Low On Resistance Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com