Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2747 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG2747
Description  0.4-ohm, Low Voltage, Dual SPST Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2747 Datasheet(HTML) 7 Page - Vishay Siliconix

  DG2747 Datasheet HTML 1Page - Vishay Siliconix DG2747 Datasheet HTML 2Page - Vishay Siliconix DG2747 Datasheet HTML 3Page - Vishay Siliconix DG2747 Datasheet HTML 4Page - Vishay Siliconix DG2747 Datasheet HTML 5Page - Vishay Siliconix DG2747 Datasheet HTML 6Page - Vishay Siliconix DG2747 Datasheet HTML 7Page - Vishay Siliconix DG2747 Datasheet HTML 8Page - Vishay Siliconix DG2747 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Vishay Siliconix
DG2747, DG2748, DG2749
Document Number: 69977
S09-0396-Rev. B, 09-Mar-09
www.vishay.com
7
TEST CIRCUITS
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?69977.
Figure 4. Off-Isolation
IN
GND
NC or NO
0 V, V+
COM
Off Isolation
20 log
V
COM
V
NO / NC
RL
Analyzer
V+
V+
=
Figure 5. Crosstalk
0 V, V+
NO1 or NC1
XTALK Isolation = 20 log
VO
VS
COM2
C = RF bypass
RL
COM1
NO2 or NC2
VS
0 V, V+
IN1
50
Ω
VO
IN2
Rg = 50 Ω
V+
GND
V+
C
Figure 6. Channel Off/On Capacitance
NC or NO
f = 1 MHz
IN
COM
GND
0 V, V+
Meter
HP4192A
Impedance
Analyzer
or Equivalent
V+
V+


Similar Part No. - DG2747

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2747 VISHAY-DG2747 Datasheet
153Kb / 8P
   0.4-Ω, Low Voltage, Dual SPST Analog Switch
Rev. A, 21-Apr-08
DG2747 VISHAY-DG2747 Datasheet
172Kb / 10P
   0.4-廓, Low Voltage, Dual SPST Analog Switch
02-Oct-12
DG2747DN-T1-E4 VISHAY-DG2747DN-T1-E4 Datasheet
153Kb / 8P
   0.4-Ω, Low Voltage, Dual SPST Analog Switch
Rev. A, 21-Apr-08
DG2747DN-T1-E4 VISHAY-DG2747DN-T1-E4 Datasheet
172Kb / 10P
   0.4-廓, Low Voltage, Dual SPST Analog Switch
02-Oct-12
DG2747 VISHAY-DG2747_V01 Datasheet
172Kb / 10P
   0.4-廓, Low Voltage, Dual SPST Analog Switch
02-Oct-12
More results

Similar Description - DG2747

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2747 VISHAY-DG2747_V01 Datasheet
172Kb / 10P
   0.4-廓, Low Voltage, Dual SPST Analog Switch
02-Oct-12
DG2747 VISHAY-DG2747 Datasheet
153Kb / 8P
   0.4-Ω, Low Voltage, Dual SPST Analog Switch
Rev. A, 21-Apr-08
logo
Fairchild Semiconductor
FSA2156 FAIRCHILD-FSA2156_07 Datasheet
587Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
FSA2156 FAIRCHILD-FSA2156_11 Datasheet
699Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
logo
Vishay Siliconix
DG2531 VISHAY-DG2531 Datasheet
119Kb / 8P
   0.4-ohm Low-Voltage Dual SPDT Analog Switch
Rev. B, 16-Jan-06
DG2715 VISHAY-DG2715_V01 Datasheet
123Kb / 9P
   Low-Voltage, 0.4 ??RON, Single SPST Analog Switch
01-Jan-2022
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157 Datasheet
363Kb / 11P
   0.4-ohm Low Voltage SPDT Analog Switch
logo
Vishay Siliconix
DG2741 VISHAY-DG2741 Datasheet
102Kb / 7P
   Low-Voltage, 0.8-ohm rON, Dual SPST Analog Switch
Rev. A, 29-Dec-03
logo
Pericom Semiconductor C...
PI5A3166 PERICOM-PI5A3166 Datasheet
349Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
PI5A3167C PERICOM-PI5A3167C Datasheet
538Kb / 9P
   Low Voltage SPST 0.8(ohm) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com