Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2742 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG2742
Description  Low-Voltage, 0.8ohm RON, Dual SPST Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2742 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG2742 Datasheet HTML 1Page - Vishay Siliconix DG2742 Datasheet HTML 2Page - Vishay Siliconix DG2742 Datasheet HTML 3Page - Vishay Siliconix DG2742 Datasheet HTML 4Page - Vishay Siliconix DG2742 Datasheet HTML 5Page - Vishay Siliconix DG2742 Datasheet HTML 6Page - Vishay Siliconix DG2742 Datasheet HTML 7Page - Vishay Siliconix DG2742 Datasheet HTML 8Page - Vishay Siliconix DG2742 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 72708
S11-0303-Rev. B, 28-Feb-11
www.vishay.com
5
Vishay Siliconix
DG2741, DG2742, DG2743
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
RDS(on) vs. VCOM vs. 1 VCC
Supply Current vs. Temperature
Leakage Current vs. Temperature
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50 2.75
VD (V)
V+ = 1.8 V, NC
V+ = 1.8 V, NO
V+ = 2.7 V, NO
V+ = 2.7 V, NC
- 40
- 20
0
20
40
60
80
100
10000
100
1
Temperature (°C)
10
V+ = 3.6 V
1000
VIN = 0 V
VIN = 3.6 V
- 50
- 25
0
25
50
75
100
1
100
Temperature (°C)
10 000
10
IS(off)
V+ = 3.5 V
1000
ID(off)
ID(on)
RDS(on) vs. VD, VCC and Temperature
Switching Frequency vs. Supply Current
Leakage Current vs. Analog Voltage
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50 2.75
25 °C
85 °C
V+ = 1.8 V
V+ = 2.7 V
VD (V)
-40 °C
25 °C
-40 °C
85 °C
Input Switching Frequency (Hz)
10 000
1000
100
10
1
0.1
0.01
0.01 K 0.1 K 1 K 10 K
100 K
1 M
10 M 100 M
1 G
- 2000
- 1500
- 1000
- 500
0
500
1000
1500
2000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V+ = 3.3 V
IS(off)
VD (V)
ID(on)
ID(off)


Similar Part No. - DG2742

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2742 VISHAY-DG2742 Datasheet
102Kb / 7P
   Low-Voltage, 0.8-ohm rON, Dual SPST Analog Switch
Rev. A, 29-Dec-03
DG2742 VISHAY-DG2742 Datasheet
137Kb / 10P
   Low-Voltage, 0.8 ??RON, Dual SPST Analog Switch
01-Jan-2022
DG2742DQ-T1 VISHAY-DG2742DQ-T1 Datasheet
102Kb / 7P
   Low-Voltage, 0.8-ohm rON, Dual SPST Analog Switch
Rev. A, 29-Dec-03
DG2742DS-T1 VISHAY-DG2742DS-T1 Datasheet
102Kb / 7P
   Low-Voltage, 0.8-ohm rON, Dual SPST Analog Switch
Rev. A, 29-Dec-03
More results

Similar Description - DG2742

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2037 VISHAY-DG2037 Datasheet
72Kb / 7P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG2037 VISHAY-DG2037_08 Datasheet
113Kb / 8P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. B, 21-May-07
logo
Fairchild Semiconductor
FSA1256 FAIRCHILD-FSA1256 Datasheet
592Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch
logo
Vishay Siliconix
DG2741 VISHAY-DG2741_V01 Datasheet
137Kb / 10P
   Low-Voltage, 0.8 ??RON, Dual SPST Analog Switch
01-Jan-2022
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156 Datasheet
486Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_08 Datasheet
776Kb / 11P
   Low-RON Low-Voltage SPST Analog Switch
logo
Vishay Siliconix
DG2741 VISHAY-DG2741 Datasheet
102Kb / 7P
   Low-Voltage, 0.8-ohm rON, Dual SPST Analog Switch
Rev. A, 29-Dec-03
DG2041 VISHAY-DG2041 Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
DG2041 VISHAY-DG2041_11 Datasheet
230Kb / 14P
   Low-Voltage, Low RON Quad SPST Analog Switch
Rev. B, 13-Jun-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com