Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2735A Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2735A
Description  Low Voltage, 0.6ohm, Dual SPDT Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2735A Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2735A Datasheet HTML 1Page - Vishay Siliconix DG2735A Datasheet HTML 2Page - Vishay Siliconix DG2735A Datasheet HTML 3Page - Vishay Siliconix DG2735A Datasheet HTML 4Page - Vishay Siliconix DG2735A Datasheet HTML 5Page - Vishay Siliconix DG2735A Datasheet HTML 6Page - Vishay Siliconix DG2735A Datasheet HTML 7Page - Vishay Siliconix DG2735A Datasheet HTML 8Page - Vishay Siliconix DG2735A Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number: 67590
S11-0412-Rev. A, 21-Mar-11
Vishay Siliconix
DG2735A
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
RON vs. VCOM and Single Supply Voltage
RON vs. VCOM and Single Supply Voltage
Supply Current vs. VIN
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VCOM - Analog Voltage (V)
0
0.5
1
1.5
2
2.5
3
+ 25 °C
INO = 100 mA
V+ = 2.7 V (NO)
- 40 °C
+ 85 °C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VCOM - Analog Voltage (V)
+ 25 °C
- 40 °C
INO = 100 mA
V+ = 4.3 V (NO)
+ 85 °C
VIN - (V)
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
25 °C
RON vs. VCOM and Single Supply Voltage
I+ Supply Current vs. Temperature
Supply Current vs. Switching Frequency
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VCOM - Analog Voltage (V)
+ 25 °C
- 40 °C
INC = 100 mA
V+ = 4.3 V (NC)
+ 85 °C
Temperature (°C)
- 60
- 40
- 20
0
20
40
60
80100
V+ = 4.3 V
0.01
0.1
1
10
VIN = 0 V
Switching Frequency (kHz)
0.1
1
10
100
1000
10 000
0.01
0.1
1
10
100
1000
10 000
25 °C
V+ = 3.0 V
V+ = 4.3 V


Similar Part No. - DG2735A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2735A VISHAY-DG2735A Datasheet
175Kb / 10P
   Low Voltage, 0.6 ?? Dual SPDT Analog Switch
08-Feb-17
DG2735ADN-T1-GE4 VISHAY-DG2735ADN-T1-GE4 Datasheet
175Kb / 10P
   Low Voltage, 0.6 ?? Dual SPDT Analog Switch
08-Feb-17
DG2735A VISHAY-DG2735A_V01 Datasheet
175Kb / 10P
   Low Voltage, 0.6 ?? Dual SPDT Analog Switch
08-Feb-17
More results

Similar Description - DG2735A

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1746 AMSCO-AS1746 Datasheet
360Kb / 2P
   0.5/0.6ohm, Low-Voltage, Dual SPDT Analog Switch
logo
Union Semiconductor, In...
UM3258 UNIONSEMI-UM3258_16 Datasheet
370Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3258 UNIONSEMI-UM3258 Datasheet
434Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257 Datasheet
406Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
FSA2269 ONSEMI-FSA2269 Datasheet
779Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
July 2013 Rev. 1.1.5
logo
Union Semiconductor, In...
UM3257 UNIONSEMI-UM3257_16 Datasheet
368Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750_15 Datasheet
112Kb / 8P
   Low Voltage Dual SPDT Analog Switch
April, 2015 ??Rev. 3
FSA2267 ONSEMI-FSA2267 Datasheet
738Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
March 2012 Rev. 1.0.5
FSA2258 ONSEMI-FSA2258 Datasheet
645Kb / 12P
   Low-Voltage, Dual-SPDT Analog Switch
February 2012 Rev. 1.0.5
FSA2259 ONSEMI-FSA2259 Datasheet
205Kb / 11P
   Low-Voltage,Dual-SPDT Analog Switch
October-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com