Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DG2715 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. DG2715
Description  Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2715 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2715_11 Datasheet HTML 1Page - Vishay Siliconix DG2715_11 Datasheet HTML 2Page - Vishay Siliconix DG2715_11 Datasheet HTML 3Page - Vishay Siliconix DG2715_11 Datasheet HTML 4Page - Vishay Siliconix DG2715_11 Datasheet HTML 5Page - Vishay Siliconix DG2715_11 Datasheet HTML 6Page - Vishay Siliconix DG2715_11 Datasheet HTML 7Page - Vishay Siliconix DG2715_11 Datasheet HTML 8Page - Vishay Siliconix DG2715_11 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number: 72740
S11-0303-Rev. C, 28-Feb-11
Vishay Siliconix
DG2715, DG2716
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
RDS(on) vs. VCOM vs. 1 VCC
Supply Current vs. Temperature
Leakage Current vs. Temperature
0.5
0.6
0.0
0.1
0.2
0.3
0.4
0.7
0.8
0.9
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
VD (V)
V+ = 1.8 V, INO/NC = 10 mA
V+ = 2.7 V, INO/NC = 100 mA
- 40
- 20
0
20
40
60
80
100
10000
100
1
Temperature (°C)
10
VSUP = 3.6 V, VIN = 0 V
1000
VSUP = 3.6 V, VIN = 3.6 V
- 50
- 25
0
25
50
75
100
1
100
Temperature (°C)
10 000
10
INO/NC(off)
V+ = 3.3 V
1000
ICOM(off)
ICOM(on)
RDS(on) vs. VD, VCC and Temperature
Switching Frequency vs. Supply Current
Leakage Current vs. Analog Voltage
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
VCC = 1.8 V
85 °C, 25 °C and - 40 °C
VD (V)
VCC = 2.7 V
85 °C, 25 °C and - 40 °C
Inout Switching Frequency (kHz)
0
500
1000
1500
2000
2500
3000
3500
4000
0
2000
4000
6000
8000
10000
12000
V+ = 3.6 V
VIN = 3.6 V
- 2000
- 1500
- 1000
- 500
0
500
1000
1500
2000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V+ = 3.3 V
VCOM, VNO, VNC - Analog Voltage (V)
ICOM(on)
ICOM(off)
INO/NC(of


Similar Part No. - DG2715_11

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
DG2715DL-T1-E3 VISHAY-DG2715DL-T1-E3 Datasheet
110Kb / 8P
   Low-Voltage, 0.4-Ω rON, Single SPST Analog Switch
Rev. B, 30-Apr-07
DG2715DL-T1-E3 VISHAY-DG2715DL-T1-E3 Datasheet
123Kb / 9P
   Low-Voltage, 0.4 ??RON, Single SPST Analog Switch
01-Jan-2022
DG2715 VISHAY-DG2715_V01 Datasheet
123Kb / 9P
   Low-Voltage, 0.4 ??RON, Single SPST Analog Switch
01-Jan-2022
More results

Similar Description - DG2715_11

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FSA2156 FAIRCHILD-FSA2156 Datasheet
677Kb / 12P
   Low-Voltage SPST 0.4OHM Analog Switch
Vishay Siliconix
Vishay Siliconix
DG2715 VISHAY-DG2715_V01 Datasheet
123Kb / 9P
   Low-Voltage, 0.4 ??RON, Single SPST Analog Switch
01-Jan-2022
Fairchild Semiconductor
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_08 Datasheet
776Kb / 11P
   Low-RON Low-Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156 Datasheet
486Kb / 11P
   Low RON Low Voltage SPST Analog Switch
Vishay Siliconix
Vishay Siliconix
DG2041 VISHAY-DG2041 Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
DG2715 VISHAY-DG2715 Datasheet
110Kb / 8P
   Low-Voltage, 0.4-Ω rON, Single SPST Analog Switch
Rev. B, 30-Apr-07
DG2037 VISHAY-DG2037 Datasheet
72Kb / 7P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG2041 VISHAY-DG2041_11 Datasheet
230Kb / 14P
   Low-Voltage, Low RON Quad SPST Analog Switch
DG2037 VISHAY-DG2037_08 Datasheet
113Kb / 8P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. B, 21-May-07
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz