Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DG2715 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. DG2715
Description  Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2715 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG2715_11 Datasheet HTML 1Page - Vishay Siliconix DG2715_11 Datasheet HTML 2Page - Vishay Siliconix DG2715_11 Datasheet HTML 3Page - Vishay Siliconix DG2715_11 Datasheet HTML 4Page - Vishay Siliconix DG2715_11 Datasheet HTML 5Page - Vishay Siliconix DG2715_11 Datasheet HTML 6Page - Vishay Siliconix DG2715_11 Datasheet HTML 7Page - Vishay Siliconix DG2715_11 Datasheet HTML 8Page - Vishay Siliconix DG2715_11 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 72740
S11-0303-Rev. C, 28-Feb-11
www.vishay.com
3
Vishay Siliconix
DG2715, DG2716
Notes:
a. Room = 25 °C, Full = as determined by the operating suffix.
b. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
c. Typical values are for design aid only, not guaranteed nor subject to production testing.
d. Guarantee by design, nor subjected to production test.
e. VIN = input voltage to perform proper function.
f. Guaranteed by 3 V leakage testing, not production tested.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (V+ = 3.0 V)
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 3 V, ± 10 %,VIN = 0.5 V or 1.4 V
e
Temp.a
Limits
- 40 °C to 85 °C
Unit
Min.b
Typ.c
Max.b
Analog Switch
Analog Signal Ranged
VNO, VNC,
VCOM
Full
0
V+
V
On-Resistance
RON
V+ = 2.7 V, VCOM = 1.5 V
INO, INC = 100 mA
Room
Full
0.4
0.6
RON Flatness
RON
Flatness
V+ = 2.7 V, VCOM = 0.6 V, 1.5 V, 2.1 V
INO, INC = 100 mA
Room
0.1
0.2
Switch Off Leakage Current
INO(off)
INC(off)
V+ = 3.3 V,
VNO, VNC = 0.3 V/3 V, VCOM = 3 V/0.3 V
Room
Full
- 1
- 10
1
10
nA
ICOM(off)
Room
Full
- 1
- 10
1
10
Channel-On Leakage Current
ICOM(on)
V+ = 3.3 V, VNO, VNC = VCOM = 0.3 V/3 V
Room
Full
- 1
- 10
1
10
Digital Control
Input High Voltage
VINH
Full
1.4
V
Input Low Voltage
VINL
Full
0.5
Input Capacitanced
Cin
Full
5
pF
Input Current
IINL or IINH
VIN = 0 or V+
Full
- 1
1
µA
Dynamic Characteristics
Turn-On Time
tON
VNO or VNC = 1.5 V, RL = 50 , CL = 35 pF
Figure 1
Room
Full
17
29
ns
Turn-Off Time
tOFF
Room
Full
14
26
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 , figure 3
Room
9
pC
Off-Isolationd
OIRR
RL = 50, CL = 5 pF, f = 1 MHz
Room
- 57
dB
NO, NC Off Capacitanced
CNO(off)
CNC(off)
VIN = 0 or V+, f = 1 MHz
Room
72
pF
Channel-On Capacitanced
CON
Room
92
Power Supply
Power Supply Range
V+
1.5
3.6
V
Power Supply Current
I+
V+ = 3.6 V, VIN = 0 or V+
0.01
1.0
µA


Similar Part No. - DG2715_11

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
DG2715DL-T1-E3 VISHAY-DG2715DL-T1-E3 Datasheet
110Kb / 8P
   Low-Voltage, 0.4-廓 rON, Single SPST Analog Switch
DG2715DL-T1-E3 VISHAY-DG2715DL-T1-E3 Datasheet
123Kb / 9P
   Low-Voltage, 0.4 ??RON, Single SPST Analog Switch
01-Jan-2022
DG2715 VISHAY-DG2715_V01 Datasheet
123Kb / 9P
   Low-Voltage, 0.4 ??RON, Single SPST Analog Switch
01-Jan-2022
More results

Similar Description - DG2715_11

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FSA2156 FAIRCHILD-FSA2156 Datasheet
677Kb / 12P
   Low-Voltage SPST 0.4OHM Analog Switch
Vishay Siliconix
Vishay Siliconix
DG2715 VISHAY-DG2715_V01 Datasheet
123Kb / 9P
   Low-Voltage, 0.4 ??RON, Single SPST Analog Switch
01-Jan-2022
Fairchild Semiconductor
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_08 Datasheet
776Kb / 11P
   Low-RON Low-Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156 Datasheet
486Kb / 11P
   Low RON Low Voltage SPST Analog Switch
Vishay Siliconix
Vishay Siliconix
DG2041 VISHAY-DG2041 Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
DG2715 VISHAY-DG2715 Datasheet
110Kb / 8P
   Low-Voltage, 0.4-廓 rON, Single SPST Analog Switch
DG2037 VISHAY-DG2037 Datasheet
72Kb / 7P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG2041 VISHAY-DG2041_11 Datasheet
230Kb / 14P
   Low-Voltage, Low RON Quad SPST Analog Switch
DG2037 VISHAY-DG2037_08 Datasheet
113Kb / 8P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. B, 21-May-07
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz