Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DG2715 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. DG2715
Description  Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2715 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG2715_11 Datasheet HTML 1Page - Vishay Siliconix DG2715_11 Datasheet HTML 2Page - Vishay Siliconix DG2715_11 Datasheet HTML 3Page - Vishay Siliconix DG2715_11 Datasheet HTML 4Page - Vishay Siliconix DG2715_11 Datasheet HTML 5Page - Vishay Siliconix DG2715_11 Datasheet HTML 6Page - Vishay Siliconix DG2715_11 Datasheet HTML 7Page - Vishay Siliconix DG2715_11 Datasheet HTML 8Page - Vishay Siliconix DG2715_11 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 72740
S11-0303-Rev. C, 28-Feb-11
Vishay Siliconix
DG2715, DG2716
Notes:
a. Signals on NC, NO, or COM or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC board.
c. Derate 3.1 mW/°C above 70 °C.
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
Reference V+ to GND
- 0.3 to + 4
V
IN, COM, NC, NOa
- 0.3 to (V+ + 0.3 V)
Continuous Current (NO, NC and COM Pins)
± 200
mA
Peak Current (Pulsed at 1 ms, 10 % duty cycle)
± 300
Storage Temperature
(D Suffix)
- 65 to 150
°C
Power Dissipation (Packages)b
5-Pin SC-70c
250
mW
SPECIFICATIONS (V+ = 1.8 V)
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 1.8 V, ± 10 %, VIN = 0.4 V or 1.0 V
e
Temp.a
Limits
- 40 °C to 85 °C
Unit
Min.b
Typ.c
Max.b
Analog Switch
Analog Signal Ranged
VNO, VNC,
VCOM
Full
0
V+
V
On-Resistance
RON
V+ = 1.8 V, VCOM = 0.9 V
INO, INC = 10 mA
Room
Fulld
0.7
1.5
2.0
Switch Off Leakage Currentf
INO(off)
INC(off)
V+ = 2.0 V,
VNO, VNC = 0.2 V/1.8 V, VCOM = 1.8 V/0.2 V
Room
Fulld
- 1
- 10
1
10
nA
ICOM(off)
Room
Fulld
- 1
- 10
1
10
Channel-On Leakage Currentf
ICOM(on)
V+ = 2.0 V, VNO, VNC = VCOM = 0.2 V/1.8 V
Room
Fulld
- 1
- 10
1
10
Digital Control
Input High Voltage
VINH
Full
1.0
V
Input Low Voltage
VINL
Full
0.4
Input Capacitanced
Cin
Full
4
pF
Input Currentf
IINL or IINH
VIN = 0 or V+
Full
- 1
1
µA
Dynamic Characteristics
Turn-On Timed
tON
VNO or VNC = 1.5 V, RL = 50 , CL = 35 pF
figures1 and 2
Room
Fulld
24
36
ns
Turn-Off Timed
tOFF
Room
Fulld
21
33
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 figure 3
Room
13
pC
Off-Isolationd
OIRR
RL = 50, CL = 5 pF, f = 1 MHz
Room
- 57
dB
NO, NC Off Capacitance
d
CNO(off)
CNC(off)
VIN = 0 or V+, f = 1 MHz
Room
78
pF
Channel-On Capacitanced
CON
Room
93


Similar Part No. - DG2715_11

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
DG2715DL-T1-E3 VISHAY-DG2715DL-T1-E3 Datasheet
110Kb / 8P
   Low-Voltage, 0.4-廓 rON, Single SPST Analog Switch
DG2715DL-T1-E3 VISHAY-DG2715DL-T1-E3 Datasheet
123Kb / 9P
   Low-Voltage, 0.4 ??RON, Single SPST Analog Switch
01-Jan-2022
DG2715 VISHAY-DG2715_V01 Datasheet
123Kb / 9P
   Low-Voltage, 0.4 ??RON, Single SPST Analog Switch
01-Jan-2022
More results

Similar Description - DG2715_11

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FSA2156 FAIRCHILD-FSA2156 Datasheet
677Kb / 12P
   Low-Voltage SPST 0.4OHM Analog Switch
Vishay Siliconix
Vishay Siliconix
DG2715 VISHAY-DG2715_V01 Datasheet
123Kb / 9P
   Low-Voltage, 0.4 ??RON, Single SPST Analog Switch
01-Jan-2022
Fairchild Semiconductor
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_08 Datasheet
776Kb / 11P
   Low-RON Low-Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156 Datasheet
486Kb / 11P
   Low RON Low Voltage SPST Analog Switch
Vishay Siliconix
Vishay Siliconix
DG2041 VISHAY-DG2041 Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
DG2715 VISHAY-DG2715 Datasheet
110Kb / 8P
   Low-Voltage, 0.4-廓 rON, Single SPST Analog Switch
DG2037 VISHAY-DG2037 Datasheet
72Kb / 7P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG2041 VISHAY-DG2041_11 Datasheet
230Kb / 14P
   Low-Voltage, Low RON Quad SPST Analog Switch
DG2037 VISHAY-DG2037_08 Datasheet
113Kb / 8P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. B, 21-May-07
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz