Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DG2715 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. DG2715
Description  Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2715 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG2715_11 Datasheet HTML 1Page - Vishay Siliconix DG2715_11 Datasheet HTML 2Page - Vishay Siliconix DG2715_11 Datasheet HTML 3Page - Vishay Siliconix DG2715_11 Datasheet HTML 4Page - Vishay Siliconix DG2715_11 Datasheet HTML 5Page - Vishay Siliconix DG2715_11 Datasheet HTML 6Page - Vishay Siliconix DG2715_11 Datasheet HTML 7Page - Vishay Siliconix DG2715_11 Datasheet HTML 8Page - Vishay Siliconix DG2715_11 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
DG2715, DG2716
Document Number: 72740
S11-0303-Rev. C, 28-Feb-11
www.vishay.com
1
Low-Voltage, 0.4
 R
ON, Single SPST Analog Switch
FEATURES
Low voltage operation (1.6 V to 3.6 V)
Low on-resistance - RDS(on): 0.4  at 2.7 V
Off-isolation: - 57 dB at 1 MHz
Fast switching: 25 ns tON
Low charge injection - QINJ: 9 pC
Low power consumption: < 1 µW
SC-70 5-lead package
BENEFITS
High accuracy
High bandwidth
TTL and low voltage logic compatibility
Low power consumption
Reduced PCB space
APPLICATIONS
Mixed signal routing
Portable and battery operated systems
Low voltage data acquisition
Modems
PCMCIA cards
DESCRIPTION
The DG2715, DG2716 are low voltage, single supply, dual
SPST analog switches. Designed for high performance
switching of analog signals, the DG2715/2716 provide low
on-resistance (0.4
 at + 2.7 V), fast speed (t
ON, tOFF at
17 ns and 14 ns) and the ability to handle signals over the
entire analog voltage range.
When operated on a + 3 V supply, control pins are
compatible
with
1.8
V
digital
logic.
Additionally,
on-resistance flatness and matching (0.05
 and 0.1 ) offer
high accuracy between channels.
Built on Vishay Siliconix’s low voltage submicron CMOS
process, the DG2715, DG2716 were designed to offer
solutions that extend beyond audio/video functions, to
providing the performance required for today’s demanding
mixed-signal switching in portable applications.
The DG2715 contains a normally open (NO) switch, and the
DG2716 contains a normally closed switch. An epitaxial
layer prevents latch-up. All switches conduct equally well in
both directions when on, and block up to the power supply
level when off.
As a committed partner to the community and the
environment, Vishay Siliconix manufactures this product
with the lead (Pb)-free device terminations. For analog
switching products manufactured with 100 % matte tin
device terminations, the lead (Pb)-free “-E3” suffix is being
used as a designator.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
V+
IN
1
2
3
5
Top View
COM
NO
GND
4
SC-70-5L
Device Marking: F7
DG2715
V+
IN
1
2
3
5
Top View
COM
NC
GND
4
SC-70-5L
Device Marking: F6
DG2716
TRUTH TABLE (DG2715)
Logic
Switch
0
OFF
1ON
TRUTH TABLE (DG2716)
Logic
Switch
0
ON
1OFF
ORDERING INFORMATION
Temp. Range
Package
Part Number
- 40 °C to 85 °C
SC70-5
DG2715DL-T1-E3
DG2716DL-T1-E3


Similar Part No. - DG2715_11

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
DG2715DL-T1-E3 VISHAY-DG2715DL-T1-E3 Datasheet
110Kb / 8P
   Low-Voltage, 0.4-Ω rON, Single SPST Analog Switch
Rev. B, 30-Apr-07
DG2715DL-T1-E3 VISHAY-DG2715DL-T1-E3 Datasheet
123Kb / 9P
   Low-Voltage, 0.4 ??RON, Single SPST Analog Switch
01-Jan-2022
DG2715 VISHAY-DG2715_V01 Datasheet
123Kb / 9P
   Low-Voltage, 0.4 ??RON, Single SPST Analog Switch
01-Jan-2022
More results

Similar Description - DG2715_11

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FSA2156 FAIRCHILD-FSA2156 Datasheet
677Kb / 12P
   Low-Voltage SPST 0.4OHM Analog Switch
Vishay Siliconix
Vishay Siliconix
DG2715 VISHAY-DG2715_V01 Datasheet
123Kb / 9P
   Low-Voltage, 0.4 ??RON, Single SPST Analog Switch
01-Jan-2022
Fairchild Semiconductor
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_08 Datasheet
776Kb / 11P
   Low-RON Low-Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156 Datasheet
486Kb / 11P
   Low RON Low Voltage SPST Analog Switch
Vishay Siliconix
Vishay Siliconix
DG2041 VISHAY-DG2041 Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
DG2715 VISHAY-DG2715 Datasheet
110Kb / 8P
   Low-Voltage, 0.4-Ω rON, Single SPST Analog Switch
Rev. B, 30-Apr-07
DG2037 VISHAY-DG2037 Datasheet
72Kb / 7P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG2041 VISHAY-DG2041_11 Datasheet
230Kb / 14P
   Low-Voltage, Low RON Quad SPST Analog Switch
DG2037 VISHAY-DG2037_08 Datasheet
113Kb / 8P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. B, 21-May-07
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz