Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DG2715 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG2715
Description  Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2715 Datasheet(HTML) 6 Page - Vishay Siliconix

  DG2715_11 Datasheet HTML 1Page - Vishay Siliconix DG2715_11 Datasheet HTML 2Page - Vishay Siliconix DG2715_11 Datasheet HTML 3Page - Vishay Siliconix DG2715_11 Datasheet HTML 4Page - Vishay Siliconix DG2715_11 Datasheet HTML 5Page - Vishay Siliconix DG2715_11 Datasheet HTML 6Page - Vishay Siliconix DG2715_11 Datasheet HTML 7Page - Vishay Siliconix DG2715_11 Datasheet HTML 8Page - Vishay Siliconix DG2715_11 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number: 72740
S11-0303-Rev. C, 28-Feb-11
Vishay Siliconix
DG2715, DG2716
TEST CIRCUITS
Figure 1. Switching Time
Switch
Input
CL (includes fixture and stray capacitance)
V+
IN
NO or NC
CL
35 pF
COM
Logic
Input
RL
300
VOUT
GND
V+
50 %
0 V
Logic
Input
Switch
Output
tON
tOFF
Logic “1” = Switch On
Logic input waveforms inverted for switches that have
the opposite logic sense.
Switch Output
V
OUT
V
COM
R
L
R
L
R
ON
0.9 x VOUT
tr < 5 ns
tf < 5 ns
VINH
VINL
=
+
Figure 2. Charge Injection
Off
On
On
IN
VOUT
VOUT
Q =
VOUT x CL
CL = 1 nF
COM
Rgen
VOUT
NC or NO
VIN = 0 - V+
IN
Vgen
GND
V+
V+
IN depends on switch configuration: input polarity
determined by sense of switch.
+


Similar Part No. - DG2715_11

ManufacturerPart #DatasheetDescription
Vishay Siliconix
Vishay Siliconix
DG2715DL-T1-E3 VISHAY-DG2715DL-T1-E3 Datasheet
110Kb / 8P
   Low-Voltage, 0.4-Ω rON, Single SPST Analog Switch
Rev. B, 30-Apr-07
DG2715DL-T1-E3 VISHAY-DG2715DL-T1-E3 Datasheet
123Kb / 9P
   Low-Voltage, 0.4 ??RON, Single SPST Analog Switch
01-Jan-2022
DG2715 VISHAY-DG2715_V01 Datasheet
123Kb / 9P
   Low-Voltage, 0.4 ??RON, Single SPST Analog Switch
01-Jan-2022
More results

Similar Description - DG2715_11

ManufacturerPart #DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FSA2156 FAIRCHILD-FSA2156 Datasheet
677Kb / 12P
   Low-Voltage SPST 0.4OHM Analog Switch
Vishay Siliconix
Vishay Siliconix
DG2715 VISHAY-DG2715_V01 Datasheet
123Kb / 9P
   Low-Voltage, 0.4 ??RON, Single SPST Analog Switch
01-Jan-2022
Fairchild Semiconductor
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_08 Datasheet
776Kb / 11P
   Low-RON Low-Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156 Datasheet
486Kb / 11P
   Low RON Low Voltage SPST Analog Switch
Vishay Siliconix
Vishay Siliconix
DG2041 VISHAY-DG2041 Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
DG2715 VISHAY-DG2715 Datasheet
110Kb / 8P
   Low-Voltage, 0.4-Ω rON, Single SPST Analog Switch
Rev. B, 30-Apr-07
DG2037 VISHAY-DG2037 Datasheet
72Kb / 7P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG2041 VISHAY-DG2041_11 Datasheet
230Kb / 14P
   Low-Voltage, Low RON Quad SPST Analog Switch
Rev. B, 13-Jun-11
DG2037 VISHAY-DG2037_08 Datasheet
113Kb / 8P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. B, 21-May-07
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com