Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC74761M Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC74761M
Description  On-Screen Display LSI
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74761M Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC74761M Datasheet HTML 1Page - Sanyo Semicon Device LC74761M Datasheet HTML 2Page - Sanyo Semicon Device LC74761M Datasheet HTML 3Page - Sanyo Semicon Device LC74761M Datasheet HTML 4Page - Sanyo Semicon Device LC74761M Datasheet HTML 5Page - Sanyo Semicon Device LC74761M Datasheet HTML 6Page - Sanyo Semicon Device LC74761M Datasheet HTML 7Page - Sanyo Semicon Device LC74761M Datasheet HTML 8Page - Sanyo Semicon Device LC74761M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Pin Functions
Pin No.
Symbol
Function
Description
1VSS
Ground
Ground connection
2XtalIN1
Crystal oscillator connection
Connection for the crystal and capacitor used to form the crystal oscillator that generates
3XtalOUT1
the internal synchronization signal. The oscillator can be selected with a command switch.
4
HSYNCOUT
Horizontal synchronization
Outputs the horizontal synchronization signal (AFC). The output polarity can be selected
output
(metal option). Also functions as general output port (command switch).
5XtalIN2
Crystal oscillator connection
Connection for the crystal and capacitor used to form the crystal oscillator that generates
6XtalOUT2
the internal synchronization signal.
7
VSYNCOUT
Vertical synchronization output
Outputs the vertical synchronization signal. The output polarity can be selected (metal
option). Also functions as general output port (command switch).
8CS
Enable input
Enables/disables serial data input. Serial data is enabled when this pin is low (hysteresis
input). Pull-up resistor built in (metal option).
9
SIN
Data input
Serial data input (hysteresis input). Pull-up resistor built in (metal option).
10
SCLK
Clock input
Clock input for serial data input (hysteresis input). Pull-up resistor built in (metal option).
SECAM mode switch input/
During input, switches between SECAM and other modes.
11
SECAM
output (command switch)
During output, functions as general output port or internal V output (command switch).
Low = other modes, high = SECAM mode
525/625 switch input/output
During input, switches between 525 scan lines and 625 scan lines.
12
525/625
(command switch)
During output, functions as general output port or character data output (command switch).
Low = 525 lines, high = 625 lines
NTSC/PAL switch input/output
Switches the color mode between NTSC and PAL.
13
NTSC/PAL
(command switch)
During output, functions as general output port or frame data output (command switch).
Low = NTSC, high = PAL
Switch FSC between 3.58 MHz and 4.43 MHz.
14
3.58/4.43
3.58/4.43 switch input/output
During output, functions as general output port or half-tone output (command switch).
(command switch)
Low = 3.58, high = 4.43
15
RST
Reset input
System reset input pin, low is active (hysteresis input).
Pull-up resistor built in (metal option).
16
CVOUT
Video signal output
Composite video output
17
VDD2
Power supply connection
Power supply connection for composite video signal level generation
18
CVIN
Video signal input
Composite video input
19
CVCR
Video signal input
SECAM chroma signal input
20
SYNCIN
Sync separator circuit input
Built-in sync separator circuit video signal input
21
SEPC
Sync separator circuit
Built-in sync separator circuit
22
VSS
Ground
Ground connection
23
PDOUT
Control voltage output
AFC control voltage output
24
AMPIN
AFC filter connection
Filter connection
25
AMPOUT
26
FC
Control voltage input
AFC control voltage input
27
VCOIN
LC oscillator connection
VCO LC oscillator circuit coil and capacitor connection
28
VCOOUT
External synchronization signal
Outputs the exclusive NOR of the horizontal synchronization signal (AFC) and CSYNC (sync
29
SYNCDET
detection output
separator). The output polarity can be selected (metal option). Also functions as general
output port (command switch).
30
VDD1
Power supply connection
Power supply connection (+5 V: digital system power supply)
No. 4846-5/21
LC74761, LC74761M


Similar Part No. - LC74761M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74761M SANYO-LC74761M Datasheet
243Kb / 20P
   On-Screen Display LSI
More results

Similar Description - LC74761M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
   On-Screen Display LSI
LC74763 SANYO-LC74763 Datasheet
419Kb / 19P
   On-Screen Display LSI?
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
logo
Sanyo Semicon Device
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74763 SANYO-LC74763_11 Datasheet
409Kb / 21P
   On-Screen Display LSI
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
   Camcorder On-Screen Display LSI
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
   On-Screen Display Controller LSI?
LC74770M SANYO-LC74770M Datasheet
125Kb / 11P
   On-Screen Display Controller LSI
LC74785 SANYO-LC74785 Datasheet
268Kb / 24P
   On-Screen Display Controller LSI
LC74725 SANYO-LC74725 Datasheet
260Kb / 16P
   On-Screen Display Controller LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com