Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2538DQ-T1-GE3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG2538DQ-T1-GE3
Description  4ohm Dual SPST Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2538DQ-T1-GE3 Datasheet(HTML) 8 Page - Vishay Siliconix

  DG2538DQ-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix DG2538DQ-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix DG2538DQ-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix DG2538DQ-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix DG2538DQ-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix DG2538DQ-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix DG2538DQ-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix DG2538DQ-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix DG2538DQ-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
8
Document Number: 63370
S11-1551-Rev. A, 01-Aug-11
Vishay Semiconductors
DG2537, DG2538, DG2539
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST CIRCUITS
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?63370.
Figure 6. Channel to Channel Crosstalk
X
TALK = 20 log
V
S
V
O
V
S
V
O
C
S
1
GND
V-
C
V+
0 V
R
g = 50 Ω
V
IN = 0 V/3 V
+ 5 V
C = RF bypass
S
2
IN
1
IN
2
D
1
D
2
R
L
50
Ω
NC
V
IN = 0 V/3 V


Similar Part No. - DG2538DQ-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2538DQ-T1-GE3 VISHAY-DG2538DQ-T1-GE3 Datasheet
178Kb / 10P
   4 ??Dual SPST Switches
09-Jul-2021
More results

Similar Description - DG2538DQ-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3537 VISHAY-DG3537_11 Datasheet
113Kb / 10P
   4ohm, 360 MHz, Dual SPST Analog Switches
Rev. D, 28-Feb-11
DG721 VISHAY-DG721 Datasheet
207Kb / 10P
   1.8 V to 5.5 V, 4ohm Dual SPST Switches
Rev. E, 01-Aug-11
logo
Analog Devices
ADG621 AD-ADG621_15 Datasheet
378Kb / 12P
   Dual SPST Switches
REV. B
ADG623 AD-ADG623_15 Datasheet
378Kb / 12P
   Dual SPST Switches
REV. B
ADG622 AD-ADG622_15 Datasheet
378Kb / 12P
   Dual SPST Switches
REV. B
logo
Vishay Siliconix
DG2537 VISHAY-DG2537_V01 Datasheet
178Kb / 10P
   4 ??Dual SPST Switches
09-Jul-2021
logo
Analog Devices
ADG602 AD-ADG602_15 Datasheet
327Kb / 12P
   SPST Switches
REV. C
logo
BOWEI Integrated Circui...
SW101 BOWEI-SW101 Datasheet
102Kb / 1P
   SPST Switches
SW10X BOWEI-SW10X Datasheet
117Kb / 1P
   SPST Switches
logo
Maxim Integrated Produc...
MAX4667 MAXIM-MAX4667 Datasheet
163Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 0; 7/99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com