Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2041DN-T1-E4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG2041DN-T1-E4
Description  Low-Voltage, Low RON Quad SPST Analog Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2041DN-T1-E4 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG2041DN-T1-E4 Datasheet HTML 1Page - Vishay Siliconix DG2041DN-T1-E4 Datasheet HTML 2Page - Vishay Siliconix DG2041DN-T1-E4 Datasheet HTML 3Page - Vishay Siliconix DG2041DN-T1-E4 Datasheet HTML 4Page - Vishay Siliconix DG2041DN-T1-E4 Datasheet HTML 5Page - Vishay Siliconix DG2041DN-T1-E4 Datasheet HTML 6Page - Vishay Siliconix DG2041DN-T1-E4 Datasheet HTML 7Page - Vishay Siliconix DG2041DN-T1-E4 Datasheet HTML 8Page - Vishay Siliconix DG2041DN-T1-E4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.vishay.com
2
Document Number: 72091
S11-1185-Rev. B, 13-Jun-11
Vishay Siliconix
DG2041, DG2042, DG2043
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION - DG2042, DG2043
Switches Shown for Logic “0” Input
Switches Shown for Logic”0” Input
DG2042DN
N.C.
V+
NO4
GND
NO3
N.C.
NO1
NO2
1
2
3
12
11
10
4
9
56
7
8
16
15
14
13
Top View
QFN-16 (4 x 4)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
IN1
IN2
COM1
COM2
NO1
NO2
N.C.
V+
GND
N.C.
NO4
NO3
COM4
COM3
IN4
IN3
TSSOP
DG2042DQ
TRUTH TABLE - DG2042
Logic
Switch
0Off
1On
DG2043DN
N.C.
V+
NO4
GND
NC3
N.C.
NO1
NC2
1
2
3
12
11
10
4
9
56
7
8
16
15
14
13
Top View
QFN-16 (4 x 4)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
IN1
IN2
COM1
COM2
NO1
NC2
N.C.
V+
GND
N.C.
NO4
NC3
COM4
COM3
IN4
IN3
TSSOP
DG2043DQ
TRUTH TABLE - DG2043
Logic
Switches 1, 4
Switches 2, 3
0Off
On
1On
Off


Similar Part No. - DG2041DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2041DN VISHAY-DG2041DN Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
More results

Similar Description - DG2041DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2041 VISHAY-DG2041 Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
DG2041 VISHAY-DG2041_V01 Datasheet
235Kb / 13P
   Low-Voltage, Low RON Quad SPST Analog Switch
01-Jan-2022
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156 Datasheet
486Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_08 Datasheet
776Kb / 11P
   Low-RON Low-Voltage SPST Analog Switch
logo
Vishay Siliconix
DG2037 VISHAY-DG2037 Datasheet
72Kb / 7P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG2037 VISHAY-DG2037_08 Datasheet
113Kb / 8P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. B, 21-May-07
logo
Fairchild Semiconductor
FSA1256 FAIRCHILD-FSA1256 Datasheet
592Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch
logo
Vishay Siliconix
DG2715 VISHAY-DG2715_11 Datasheet
120Kb / 9P
   Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
Rev. C, 28-Feb-11
DG2741 VISHAY-DG2741_V01 Datasheet
137Kb / 10P
   Low-Voltage, 0.8 ??RON, Dual SPST Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com