Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2043 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # DG2043
Description  Low-Voltage, Low RON Quad SPST Analog Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2043 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button DG2043 Datasheet HTML 6Page - Vishay Siliconix DG2043 Datasheet HTML 7Page - Vishay Siliconix DG2043 Datasheet HTML 8Page - Vishay Siliconix DG2043 Datasheet HTML 9Page - Vishay Siliconix DG2043 Datasheet HTML 10Page - Vishay Siliconix DG2043 Datasheet HTML 11Page - Vishay Siliconix DG2043 Datasheet HTML 12Page - Vishay Siliconix DG2043 Datasheet HTML 13Page - Vishay Siliconix DG2043 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Terminal Tip
5
Index Area
(D 2
E 2)
Exposed Pad
8
-B-
D
D/2
E/2
-A-
E
C
aaa
2 X
Top View
AA1
A3
-C-
Seating Plane
Side View
BB
DD
AA
CC
Detail A
C
0.08
Nx
9
C
ccc
//
D2
D2/2
Detail B
(NE-1) x e
6
N
L
E2/2
E2
Detail A
2
1
N-1
N
(ND-1) x e
8
Bottom View
C
bbb M
A B
N
b
5
Datum A or B
N
r
e
Terminal Tip
5
Even Terminal/Side
Odd Terminal/Side
Detail B
e
e/2
4
C
aaa
2 X
Package Information
Vishay Siliconix
Document Number: 71921
19-Aug-02
www.vishay.com
1
QFN−16 (4 4 mm)
JEDEC Part Number: MO-220


Similar Part No. - DG2043

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2043 VISHAY-DG2043 Datasheet
235Kb / 13P
   Low-Voltage, Low RON Quad SPST Analog Switch
01-Jan-2022
DG2043DN VISHAY-DG2043DN Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
DG2043DQ VISHAY-DG2043DQ Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
More results

Similar Description - DG2043

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2041 VISHAY-DG2041 Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
DG2041 VISHAY-DG2041_V01 Datasheet
235Kb / 13P
   Low-Voltage, Low RON Quad SPST Analog Switch
01-Jan-2022
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156 Datasheet
486Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_08 Datasheet
776Kb / 11P
   Low-RON Low-Voltage SPST Analog Switch
logo
Vishay Siliconix
DG2037 VISHAY-DG2037 Datasheet
72Kb / 7P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG2037 VISHAY-DG2037_08 Datasheet
113Kb / 8P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. B, 21-May-07
logo
Fairchild Semiconductor
FSA1256 FAIRCHILD-FSA1256 Datasheet
592Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch
logo
Vishay Siliconix
DG2715 VISHAY-DG2715_11 Datasheet
120Kb / 9P
   Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
Rev. C, 28-Feb-11
DG2741 VISHAY-DG2741_V01 Datasheet
137Kb / 10P
   Low-Voltage, 0.8 ??RON, Dual SPST Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com