Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC863G28A Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC863G28A
Description  CGROM16K-byte on-chip 768-byte RAM and 352횞9 bit OSD RAM 8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863G28A Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC863G28A Datasheet HTML 7Page - Sanyo Semicon Device LC863G28A Datasheet HTML 8Page - Sanyo Semicon Device LC863G28A Datasheet HTML 9Page - Sanyo Semicon Device LC863G28A Datasheet HTML 10Page - Sanyo Semicon Device LC863G28A Datasheet HTML 11Page - Sanyo Semicon Device LC863G28A Datasheet HTML 12Page - Sanyo Semicon Device LC863G28A Datasheet HTML 13Page - Sanyo Semicon Device LC863G28A Datasheet HTML 14Page - Sanyo Semicon Device LC863G28A Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LC863G64A/56A/48A/40A/32A/28A/24A
No.A0548-11/21
Recommended Operating Range at Ta = -10°C to +70°C, VSS = 0V
Specification
Parameter
Symbol
Pins
Conditions
VDD[V]
min
typ
max
unit
VDD(1)
0.844µs
≤ tCYC ≤ 0.852µs
4.5
5.5
Operating
supply voltage
range
VDD(2)
VDD
4µs
≤ tCYC ≤ 400µs
4.5
5.5
Hold voltage
VHD
VDD
RAMs and the registers
data are kept in HOLD
mode.
2.0
5.5
VIH(1)
Port 0 (Schumitt)
Output disable
4.5 to 5.5
0.6VDD
VDD
VIH(2)
• Ports 1,6
(Schumitt
CMOS)
• Port 7 (Schumitt)
port input/interrupt
• HS, VS, RES
(Schumitt)
Output disable
4.5 to 5.5
0.75VDD
VDD
VIH(3)
Port 70
Watchdog timer input
Output disable
4.5 to 5.5
VDD-0.5
VDD
VIH(4)
• Port 8
port input
Output disable
4.5 to 5.5
0.7VDD
VDD
High level
input voltage
VIH(5)
• Port 16 (TTL)
• Port 6
(Schumitt TTL)
port input
Output disable
4.5 to 5.5
0.45VDD
VDD
VIL(1)
Port 0 (Schumitt)
Output disable
4.5 to 5.5
VSS
0.2VDD
VIL(2)
• Ports 1,6
(Schumitt
CMOS)
• Port 7 (Schumitt)
port input/interrupt
• HS, VS, RES
(Schumitt)
Output disable
4.5 to 5.5
VSS
0.25VDD
VIL(3)
Port 70
Watchdog timer input
Output disable
4.5 to 5.5
VSS
0.6VDD
VIL(4)
Port 8
port input
Output disable
4.5 to 5.5
VSS
0.3VDD
V
Low level
input voltage
VIL(5)
• Port 16 (TTL)
• Port 6 (Schumitt TTL)
port input
Output disable
4.5 to 5.5
VSS
0.18VDD
CVIN
VCVIN
CVIN
5.0
1Vp-p
-3dB
1Vp-p
1Vp-p
+3dB
Vp-p*
tCYC(1)
• All functions operating
4.5 to 5.5
0.844
0.848
0.852
tCYC(2)
• AD converter operating
• OSD and Data slicer
are not operating
4.5 to 5.5
0.844
30
Operation
cycle time
tCYC(3)
• OSD, AD converter and
Data slicer are
not operating
4.5 to 5.5
0.844
400
µs
Oscillation
frequency range
FmRC
Internal RC oscillation
4.5 to 5.5
0.4
0.8
3.0
External
OSD clock
input frequency
range
FmICK
P16/OSDCK
DUTY50
±5% of external
OSD clock
4.5 to 5.5
13
14
15
MHz
* Vp-p: Peak-to-peak voltage


Similar Part No. - LC863G28A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863096 SANYO-LC863096 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863216A SANYO-LC863216A Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863216C SANYO-LC863216C Datasheet
502Kb / 21P
   8-bit 1-chip Microcontroller
LC863220 SANYO-LC863220 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863220A SANYO-LC863220A Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results

Similar Description - LC863G28A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F2924B SANYO-LC87F2924B_09 Datasheet
173Kb / 28P
   FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
   CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com