Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC863G48A Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC863G48A
Description  CGROM16K-byte on-chip 768-byte RAM and 352횞9 bit OSD RAM 8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863G48A Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC863G48A Datasheet HTML 4Page - Sanyo Semicon Device LC863G48A Datasheet HTML 5Page - Sanyo Semicon Device LC863G48A Datasheet HTML 6Page - Sanyo Semicon Device LC863G48A Datasheet HTML 7Page - Sanyo Semicon Device LC863G48A Datasheet HTML 8Page - Sanyo Semicon Device LC863G48A Datasheet HTML 9Page - Sanyo Semicon Device LC863G48A Datasheet HTML 10Page - Sanyo Semicon Device LC863G48A Datasheet HTML 11Page - Sanyo Semicon Device LC863G48A Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
LC863G64A/56A/48A/40A/32A/28A/24A
No.A0548-8/21
Pin Description
Pin Description Table
Terminal
I/O
Function Description
Option
VSS
-
Negative power supply
XT1
I
Input terminal for crystal oscillator
XT2
O
Output terminal for crystal oscillator
VDD
-
Positive power supply
RES
I
Reset terminal
FILT
O
Filter terminal for PLL
CVIN
I
Video signal input terminal
VS
I
Vertical synchronization signal input terminal
HS
I
Horizontal synchronization signal input terminal
R
O
Red (R) output terminal of RGB image output
G
O
Green (G) output terminal of RGB image output
B
O
Blue (B) output terminal of RGB image output
I
O
Intensity ( I ) output terminal of RGB image output
BL
O
Fast blanking control signal
Switch TV image signal and caption/OSD image signal
Port 0
P00 to P07
I/O
•8-bit input/output port,
Input/output can be specified in nibble unit
•Other functions
HOLD release input
Interrupt input
Pull-up register
provided/not provided
Output Format
CMOS/Nch-OD
Port 1
•8-bit input/output port
Input/output can be specified in a bit
•Other functions
Output Format
CMOS/Nch-OD
P10
P11
P12
P13
P14
P15
P16
P17
SIO0 data output
SIO0 data input/bus input/output
SIO0 clock input/output
PWM1 output
PWM2 output/UART transmit
PWM3 output/UART receive
External OSD clock input
Timer1 (PWM) output
P10 to P17
I/O
Port 6
•4-bit input/output port
Input/output can be specified for each bit
•Other functions
P60
P61
P62
P63
IIC0 data I/O
IIC0 clock output
IIC1 data I/O
IIC1 clock output
P60 to P63
I/O
Continued on next page.


Similar Part No. - LC863G48A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863096 SANYO-LC863096 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863216A SANYO-LC863216A Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863216C SANYO-LC863216C Datasheet
502Kb / 21P
   8-bit 1-chip Microcontroller
LC863220 SANYO-LC863220 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863220A SANYO-LC863220A Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results

Similar Description - LC863G48A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F2924B SANYO-LC87F2924B_09 Datasheet
173Kb / 28P
   FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
   CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com