Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2016 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2016
Description  High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2016 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2016 Datasheet HTML 1Page - Vishay Siliconix DG2016 Datasheet HTML 2Page - Vishay Siliconix DG2016 Datasheet HTML 3Page - Vishay Siliconix DG2016 Datasheet HTML 4Page - Vishay Siliconix DG2016 Datasheet HTML 5Page - Vishay Siliconix DG2016 Datasheet HTML 6Page - Vishay Siliconix DG2016 Datasheet HTML 7Page - Vishay Siliconix DG2016 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number: 72030
S11-1185-Rev. D, 13-Jun-11
Vishay Siliconix
DG2016, DG2026
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
RON vs. VCOM and Supply Voltage
Supply Current vs. Temperature
Leakage Current vs. Temperature
0
1
2
3
4
5
6
7
8
0
1234
5
VCOM - Analog Voltage (V)
V+ = 3.0 V
T = 25 °C
IS = 10 mA
V+ = 5.0 V
- 60
- 40
- 20
0
20
40
60
80
100
1
1000
10 000
Temperature (°C)
V+ = 5 V
VIN = 0 V
10
100
V+ = 3 V
VIN = 0 V
- 60
- 40
- 20
0
20
40
60
80
100
1
1000
10 000
Temperature (°C)
V+ = 5 V
10
100
INO(off), INC(off)
ICOM(off)
ICOM(on)
RON vs. Analog Voltage and Temperature
Supply Current vs. Input Switching Frequency
Leakage vs. Analog Voltage
0
1
2
3
4
5
0
1234
5
VCOM - Analog Voltage (V)
25 °C
V+ = 3 V
- 40 °C
85 °C
25 °C
V+ = 5 V
- 40 °C
85 °C
Input Switching Frequency (Hz)
10
10 K
100 K
10 M
100
1 K
1 M
10 mA
1 mA
100 µA
10 µA
1 µA
V+ = 5 V
100 nA
10 nA
- 100
- 75
- 50
- 25
0
25
50
75
100
0
1234
5
VCOM, VNO, VNC - Analog Voltage (V)
V+ = 5 V
INO(off), INC(off)
ICOM(off)
ICOM(on)


Similar Part No. - DG2016

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2016 VISHAY-DG2016 Datasheet
62Kb / 6P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
Rev. A, 20-Jan-03
DG2016 VISHAY-DG2016 Datasheet
110Kb / 7P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
Rev. C, 14-May-07
DG2016 VISHAY-DG2016 Datasheet
134Kb / 8P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
01-Jan-2022
DG2016DQ VISHAY-DG2016DQ Datasheet
62Kb / 6P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
Rev. A, 20-Jan-03
DG2016DQ-T1-E3 VISHAY-DG2016DQ-T1-E3 Datasheet
110Kb / 7P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
Rev. C, 14-May-07
More results

Similar Description - DG2016

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2519E VISHAY-DG2519E Datasheet
189Kb / 10P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
Rev. A, 03-Apr-17
DG2016 VISHAY-DG2016_V01 Datasheet
134Kb / 8P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
01-Jan-2022
DG2016 VISHAY-DG2016_08 Datasheet
110Kb / 7P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
Rev. C, 14-May-07
DG2032 VISHAY-DG2032 Datasheet
88Kb / 5P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
Rev. A, 18-Aug-03
DG2016 VISHAY-DG2016 Datasheet
62Kb / 6P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
Rev. A, 20-Jan-03
logo
Monolithic Power System...
EV2735DQG-00A MPS-EV2735DQG-00A Datasheet
173Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Vishay Siliconix
DG2535E VISHAY-DG2535E Datasheet
167Kb / 10P
   0.3 Ω, Low Voltage Dual SPDT Analog Switches
Rev. A, 30-Jan-17
logo
Monolithic Power System...
MP2735 MPS-MP2735 Datasheet
469Kb / 10P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
EVQ2735GG-00A MPS-EVQ2735GG-00A Datasheet
438Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Integrated Device Techn...
IDTUS4717 IDT-IDTUS4717 Datasheet
275Kb / 14P
   4.5 OHM LOW VOLTAGE, HIGH BANDWIDTH, DUAL SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com