Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC88F83B0A Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC88F83B0A
Description  FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC88F83B0A Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC88F83B0A Datasheet HTML 1Page - Sanyo Semicon Device LC88F83B0A Datasheet HTML 2Page - Sanyo Semicon Device LC88F83B0A Datasheet HTML 3Page - Sanyo Semicon Device LC88F83B0A Datasheet HTML 4Page - Sanyo Semicon Device LC88F83B0A Datasheet HTML 5Page - Sanyo Semicon Device LC88F83B0A Datasheet HTML 6Page - Sanyo Semicon Device LC88F83B0A Datasheet HTML 7Page - Sanyo Semicon Device LC88F83B0A Datasheet HTML 8Page - Sanyo Semicon Device LC88F83B0A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
40611HKIM 20110328-S00003 No.A1228-1/25
Ver.0.7
LC88F83B0A
Overview
The LC88F83B0A is a 16-bit microcontroller, centered around an Xstormy16 CPU, integrates on a single chip a number
of hardware features such as 32-bit program counter, 16 bits
× 16 general purpose register, 128K-byte flash ROM
(onboard programmable), 4096-byte RAM, LCD display dedicated RAM, LCD dot matrix driver, on-chip debugging
function, programmable timer, a base timer serving as a time-of-day clock, a synchronous SIO interface with automatic
transmission capability, an asynchronous SIO (UART) interface, a 12-/8-bit resolution 4-channel AD converter, and a
12-source 11-vector interrupt feature.
Features
Flash ROM
• 128K × 8bit (Table data reside in the same space.)
RAM
• 4240 × 8bit
• For data
4096
× 8bit
• For display 72 × 16bit
LCD Display
• 64 segment × 16 common/72 segment × 8 common (1/4 bias)
Ordering number : ENA1228
CMOS IC
FROM 128K byte, RAM 4096K byte on-chip
16-bit 1-chip Microcontroller
* This product is licensed from Silicon Storage Technology, Inc. (USA), and manufactured and sold by
SANYO Semiconductor Co., Ltd.
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Similar Part No. - LC88F83B0A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88F83B0A ONSEMI-LC88F83B0A Datasheet
177Kb / 25P
   16-bit 1-chip Microcontroller
May, 2013 Ver.0.7
More results

Similar Description - LC88F83B0A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC88F5LA4ACS SANYO-LC88F5LA4ACS Datasheet
227Kb / 33P
   FROM 96K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC88F85D0A SANYO-LC88F85D0A Datasheet
264Kb / 31P
   FROM 256K byte, RAM 8K byte on-chip 16-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com