Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S20WB20 Datasheet(PDF) 3 Page - Shindengen Electric Mfg.Co.Ltd

Part # S20WB20
Description  Bridge Diode(200V 20A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S20WB20 Datasheet(HTML) 3 Page - Shindengen Electric Mfg.Co.Ltd

  S20WB20 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S20WB20 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S20WB20 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S20WB20 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd S20WB20 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd S20WB20 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
S20WBx
Forward Power Dissipation
Tj= 150
°C
Sine wave
SIN
Average Rectified Forward Current IO [A]


Similar Part No. - S20WB20

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S20WB60 SHINDENGEN-S20WB60 Datasheet
312Kb / 6P
   Bridge Diode(600V 20A)
S20WB60 SHINDENGEN-S20WB60_17 Datasheet
465Kb / 4P
   Square In-line Package (Input/Output In-line Package)
More results

Similar Description - S20WB20

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WSAD92-02 WINSEMI-WSAD92-02 Datasheet
327Kb / 5P
   20A,200V Ultrafast Dual Diode
logo
Rectron Semiconductor
SC3S12020B RECTRON-SC3S12020B Datasheet
289Kb / 5P
   200V/20A Silicon Carbide Schottky Diode
logo
Shindengen Electric Mfg...
S4VB20 SHINDENGEN-S4VB20 Datasheet
261Kb / 5P
   Bridge Diode(200V 4A)
S10WB20 SHINDENGEN-S10WB20 Datasheet
282Kb / 6P
   Bridge Diode(200V 10A)
S15VB20 SHINDENGEN-S15VB20 Datasheet
262Kb / 5P
   Bridge Diode(200V 15A)
S15WB20 SHINDENGEN-S15WB20 Datasheet
310Kb / 6P
   Bridge Diode(200V 15A)
S25VB20 SHINDENGEN-S25VB20 Datasheet
292Kb / 5P
   Bridge Diode(200V 25A)
S2VB20 SHINDENGEN-S2VB20 Datasheet
259Kb / 5P
   Bridge Diode(200V 2A)
S3WB20 SHINDENGEN-S3WB20 Datasheet
267Kb / 5P
   Bridge Diode(200V 2.3A)
S5VB20 SHINDENGEN-S5VB20 Datasheet
263Kb / 5P
   Bridge Diode(200V 6A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com