Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG787DQ-T1-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG787DQ-T1-E3
Description  300-MHz, 2.5-ohm, Dual SPDT Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG787DQ-T1-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG787DQ-T1-E3 Datasheet HTML 1Page - Vishay Siliconix DG787DQ-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG787DQ-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG787DQ-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG787DQ-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG787DQ-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG787DQ-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG787DQ-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG787DQ-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 65369
S09-1936-Rev. B, 28-Sep-09
Vishay Siliconix
DG787
Notes:
a. Signals on NC, NO, or COM or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. Refer to IPC/JEDEC (J-STD-020).
c. All leads welded or soldered to PC board.
d. Derate 4.0 mW/°C above 70 °C.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
Reference V+ to GND
- 0.3 to + 6
V
IN, COM, NC, NOa
- 0.3 to (V+ + 0.3)
Continuous Current (NO, NC, COM)
± 100
mA
Peak Current (Pulsed at 1 ms, 10 % duty cycle)
± 500
Storage Temperature
(D Suffix)
- 65 to 150
°C
ESD per MIL-STD-883 Method 3015.7
> 2
kV
Power Dissipation (Packages)c
MSOP-10d
320
mW
SPECIFICATIONS V+ = 3 V
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 2.7 V to 3.6 V, VIN = 0.5 V or 1.4 V
e
Temp.a
Limits
- 40 °C to 85 °C
Unit
Min.b
Typ.c
Max.b
Analog Switch
Analog Signal Ranged
VNO, VNC,
VCOM
Full
0
V+
V
On-Resistanced
RON
V+ = 2.7 V
INO, INC = 10 mA
VCOM = 1.5 V
Room
Full
2.5
3.5
3.8
Ω
RON Flatness
d
RON
Flatness
VCOM = 1, 1.5, 2 V
Room
0.52
1.0
On-Resistance
Match Between Channelsd
ΔR
DS(on)
VCOM = 1.5 V
Room
0.25
Switch Off Leakage Current
INO(off)
INC(off)
V+ = 3.3 V,
VNO, VNC = 0.3 V/3 V, VCOM = 3 V/0.3 V
Room
Full
- 1
- 20
1
20
nA
ICOM(off)
Room
Full
- 1
- 20
1
20
Channel-On Leakage Current
ICOM(on)
V+ = 3.3 V, VNO, VNC = VCOM = 0.3 V/3 V
Room
Full
- 1
- 20
1
20
Digital Control
Input High Voltaged
VINH
Full
1.4
V
Input Low Voltage
VINL
Full
0.5
Input Capacitance
Cin
Full
5
pF
Input Current
IINL or IINH
VIN = 0 or V+
Full
1
1
µA


Similar Part No. - DG787DQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG787DQ-T1-E3 VISHAY-DG787DQ-T1-E3 Datasheet
149Kb / 10P
   300-MHz, 2.5-廓, Dual SPDT Analog Switches
02-Oct-12
More results

Similar Description - DG787DQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG787 VISHAY-DG787_V01 Datasheet
149Kb / 10P
   300-MHz, 2.5-廓, Dual SPDT Analog Switches
02-Oct-12
DG3516 VISHAY-DG3516_V01 Datasheet
180Kb / 11P
   300 MHz, 2.5 廓, Dual SPDT Analog Switches
01-Jan-2022
DG3516 VISHAY-DG3516 Datasheet
127Kb / 10P
   300-MHz, 2.5-Ω, Dual SPDT Analog Switches
Rev. C, 30-Apr-07
DG3516 VISHAY-DG3516_11 Datasheet
131Kb / 10P
   300 MHz, 2.5ohm, Dual SPDT Analog Switches
Rev. D, 13-Jun-11
logo
Integrated Device Techn...
IDTAS4684 IDT-IDTAS4684_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
logo
Protek Devices
PA2535 PROTEC-PA2535_15 Datasheet
138Kb / 9P
   0.35 OHM DUAL SPDT ANALOG SWITCH
logo
Integrated Device Techn...
IDTAS4684A IDT-IDTAS4684A_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
IDTAS4684 IDT-IDTAS4684 Datasheet
298Kb / 14P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX4667 MAXIM-MAX4667 Datasheet
163Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4607 MAXIM-MAX4607 Datasheet
164Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 1; 8/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com