Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG787 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG787
Description  300-MHz, 2.5-ohm, Dual SPDT Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG787 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG787 Datasheet HTML 1Page - Vishay Siliconix DG787 Datasheet HTML 2Page - Vishay Siliconix DG787 Datasheet HTML 3Page - Vishay Siliconix DG787 Datasheet HTML 4Page - Vishay Siliconix DG787 Datasheet HTML 5Page - Vishay Siliconix DG787 Datasheet HTML 6Page - Vishay Siliconix DG787 Datasheet HTML 7Page - Vishay Siliconix DG787 Datasheet HTML 8Page - Vishay Siliconix DG787 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 65369
S09-1936-Rev. B, 28-Sep-09
www.vishay.com
3
Vishay Siliconix
DG787
SPECIFICATIONS V+ = 3 V
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 2.7 V to 3.6 V, VIN = 0.5 V or 1.4 V
e
Temp.a
Limits
- 40 °C to 85 °C
Unit
Min.b
Typ.c
Max.b
Dynamic Characteristics
Turn-On Time
tON
V+ = 2.7 V, VNO or VNC = 1.5 V
RL = 300 Ω, CL = 35 pF
Room
Full
21
51
52
ns
Turn-Off Time
tOFF
Room
Full
15
45
46
Break-Before-Make Time
td
Full
1
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 2.0 V, RGEN = 0 Ω
Room
1
pC
Off-Isolationd
OIRR
RL = 50 Ω, CL = 5 pF
f = 1 MHz
Room
- 74
dB
f = 10 MHz
Room
- 54
Crosstalkd
XTALK
f = 1 MHz
Room
- 76
f = 10 MHz
Room
- 56
NO, NC Off Capacitance
d
CNO(off)
VIN = 0 or V+, f = 1 MHz
Room
12
pF
CNC(off)
Room
12
Channel-On Capacitanced
CNO(on)
Room
40
CNC(on)
Room
40
Power Supply
Power Supply Current
I+
VIN = 0 or V+
Room
Full
1.0
1.0
µA


Similar Part No. - DG787

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG787 VISHAY-DG787 Datasheet
149Kb / 10P
   300-MHz, 2.5-廓, Dual SPDT Analog Switches
02-Oct-12
DG787DQ-T1-E3 VISHAY-DG787DQ-T1-E3 Datasheet
149Kb / 10P
   300-MHz, 2.5-廓, Dual SPDT Analog Switches
02-Oct-12
DG787 VISHAY-DG787_V01 Datasheet
149Kb / 10P
   300-MHz, 2.5-廓, Dual SPDT Analog Switches
02-Oct-12
More results

Similar Description - DG787

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG787 VISHAY-DG787_V01 Datasheet
149Kb / 10P
   300-MHz, 2.5-廓, Dual SPDT Analog Switches
02-Oct-12
DG3516 VISHAY-DG3516_V01 Datasheet
180Kb / 11P
   300 MHz, 2.5 廓, Dual SPDT Analog Switches
01-Jan-2022
DG3516 VISHAY-DG3516 Datasheet
127Kb / 10P
   300-MHz, 2.5-Ω, Dual SPDT Analog Switches
Rev. C, 30-Apr-07
DG3516 VISHAY-DG3516_11 Datasheet
131Kb / 10P
   300 MHz, 2.5ohm, Dual SPDT Analog Switches
Rev. D, 13-Jun-11
logo
Integrated Device Techn...
IDTAS4684 IDT-IDTAS4684_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
logo
Protek Devices
PA2535 PROTEC-PA2535_15 Datasheet
138Kb / 9P
   0.35 OHM DUAL SPDT ANALOG SWITCH
logo
Integrated Device Techn...
IDTAS4684A IDT-IDTAS4684A_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
IDTAS4684 IDT-IDTAS4684 Datasheet
298Kb / 14P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX4667 MAXIM-MAX4667 Datasheet
163Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4607 MAXIM-MAX4607 Datasheet
164Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 1; 8/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com