Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC88F58B0A Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC88F58B0A
Description  FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC88F58B0A Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC88F58B0A Datasheet HTML 6Page - Sanyo Semicon Device LC88F58B0A Datasheet HTML 7Page - Sanyo Semicon Device LC88F58B0A Datasheet HTML 8Page - Sanyo Semicon Device LC88F58B0A Datasheet HTML 9Page - Sanyo Semicon Device LC88F58B0A Datasheet HTML 10Page - Sanyo Semicon Device LC88F58B0A Datasheet HTML 11Page - Sanyo Semicon Device LC88F58B0A Datasheet HTML 12Page - Sanyo Semicon Device LC88F58B0A Datasheet HTML 13Page - Sanyo Semicon Device LC88F58B0A Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
LC88F58B0A
No.A1951-10/31
Port Output Types
The table below lists the types of port outputs and the presence/absence of a pull-up resistor.
Data can be read into any input port even if it is in the output mode.
Port Name
Option Selected in
Units of
Option Type No.
Output Type
Pull-up Resistor
1
CMOS
P00 to P07
P10 to P17
P20 to P27
P30 to P33
P40 to P47
P60 to P67
P70 to P72
PA0 to PA3
1 bit
2
N-channel open drain
PC2
-
-
CMOS
Programmable
PC0
-
-
N-channel open drain
(32.768kHz crystal oscillator input)
None
PC1
-
-
N-channel open drain
(32.768kHz crystal oscillator output)
None
* Make the following connection to minimize the noise input to the VDD1 pin and prolong the backup time.
Be sure to electrically short the VSS1, VSS2 and VSS3 pins.
Example 1: When data is being backed up in the HOLD mode, the H level signals to the output ports are fed by the
backup capacitors.
Example 2: When data is being backed up in the HOLD mode, the H level output at any ports is not sustained and is
unpredictable.
Power
supply
For buckup
LSI
VSS1VSS2VSS3
VDD3
VDD2
VDD1
+
-
1k
Ω
2.2
μF
PC2/FILT
VDD3
VDD2
VDD1
LSI
VSS1VSS2VSS3
+
-
1k
Ω
2.2
μF
PC2/FILT
Power
supply
For buckup


Similar Part No. - LC88F58B0A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88F58B0A ONSEMI-LC88F58B0A Datasheet
190Kb / 31P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.03
More results

Similar Description - LC88F58B0A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC88F83B0A SANYO-LC88F83B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC88F5LA4ACS SANYO-LC88F5LA4ACS Datasheet
227Kb / 33P
   FROM 96K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC88F85D0A SANYO-LC88F85D0A Datasheet
264Kb / 31P
   FROM 256K byte, RAM 8K byte on-chip 16-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com