Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG613DY-E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG613DY-E3
Description  High-Speed, Low-Glitch D/CMOS Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG613DY-E3 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG613DY-E3 Datasheet HTML 3Page - Vishay Siliconix DG613DY-E3 Datasheet HTML 4Page - Vishay Siliconix DG613DY-E3 Datasheet HTML 5Page - Vishay Siliconix DG613DY-E3 Datasheet HTML 6Page - Vishay Siliconix DG613DY-E3 Datasheet HTML 7Page - Vishay Siliconix DG613DY-E3 Datasheet HTML 8Page - Vishay Siliconix DG613DY-E3 Datasheet HTML 9Page - Vishay Siliconix DG613DY-E3 Datasheet HTML 10Page - Vishay Siliconix DG613DY-E3 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Document Number: 70057
S11-0154-Rev. I, 31-Jan-11
www.vishay.com
7
Vishay Siliconix
DG611, DG612, DG613
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
SCHEMATIC DIAGRAM (Typical Channel)
TEST CIRCUITS
Crosstalk and Off Isolation vs. Frequency
1
10
100
- 20
- 40
- 60
- 80
- 100
- 120
f - Frequency (MHz)
V+ = 15 V
V- = - 3 V
Crosstalk
Off Isolation
Supply Currents vs. Switching Frequency
6
5
4
3
2
1
0
- 1
- 2
- 3
- 4
- 5
1K
100K
100K
1M
10M
V+ = 15 V
V- = - 3 V
VL = 5 V
CX = 0, 5 V
f - Frequency (Hz)
I+
IL
I-
Figure 1.
VL
V+
V-
S
D
DMOS Switch
Level
Translator
Input
Logic
INX
Driver
Figure 2. Switching Time
CL (includes fixture and stray capacitance)
VL
RL
RL + rDS(on)
VO = VS
VO
± 2 V
V+
V-
IN
V-
S
GND
RL
300
D
CL
+ 15 V
+ 5 V
50 %
20 %
90 %
tON
tOFF
Logic Input
0 V
5 V
VS = ± 2 V
0 V
Switch Output
tr < 10 ns
tf < 10 ns


Similar Part No. - DG613DY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG613DY-E3 VISHAY-DG613DY-E3 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
DG613DY-E3 VISHAY-DG613DY-E3 Datasheet
187Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
08-Feb-17
More results

Similar Description - DG613DY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
DG611 VISHAY-DG611 Datasheet
91Kb / 8P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. G, 13-Sep-99
DG611 VISHAY-DG611_V01 Datasheet
187Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
08-Feb-17
DG9421 VISHAY-DG9421_08 Datasheet
152Kb / 10P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. F, 29-Sep-08
DG9422 VISHAY-DG9422_V01 Datasheet
257Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
01-Jan-2022
DG9421 VISHAY-DG9421 Datasheet
71Kb / 8P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. C, 26-Aug-02
DG9421 VISHAY-DG9421_11 Datasheet
236Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. G, 18-Jul-11
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG401 VISHAY-DG401_09 Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com