Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG612DY-T1 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG612DY-T1
Description  High-Speed, Low-Glitch D/CMOS Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG612DY-T1 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG612DY-T1 Datasheet HTML 4Page - Vishay Siliconix DG612DY-T1 Datasheet HTML 5Page - Vishay Siliconix DG612DY-T1 Datasheet HTML 6Page - Vishay Siliconix DG612DY-T1 Datasheet HTML 7Page - Vishay Siliconix DG612DY-T1 Datasheet HTML 8Page - Vishay Siliconix DG612DY-T1 Datasheet HTML 9Page - Vishay Siliconix DG612DY-T1 Datasheet HTML 10Page - Vishay Siliconix DG612DY-T1 Datasheet HTML 11Page - Vishay Siliconix DG612DY-T1 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
www.vishay.com
8
Document Number: 70057
S11-0154-Rev. I, 31-Jan-11
Vishay Siliconix
DG611, DG612, DG613
TEST CIRCUITS
APPLICATIONS
High-Speed Sample-and-Hold
In a fast sample-and-hold application, the analog switch
characteristics are critical. A fast switch reduces aperture
uncertainty. A low charge injection eliminates offset (step)
errors. A low leakage reduces droop errors. The CLC111, a
fast input buffer, helps to shorten acquisition and settling
times. A low leakage, low dielectric absorption hold capacitor
must
be
used.
Polycarbonate,
polystyrene
and
polypropylene are good choices. The JFET output buffer
reduces droop due to its low input bias current.
(see figure 5.)
Pixel-Rate Switch
Windows, picture-in-picture, title overlays are economically
generated using a high-speed analog switch such as the
DG613. For this application the two video sources must be
sync locked. The glitch-less analog switch eliminates halos.
(see figure 6.)
GaAs FET Drivers
Figure 7 illustrates a high-speed GaAs FET driver. To turn
the GaAs FET on 0 V are applied to its gate via S1, whereas
to turn it off, - 8 V are applied via S2. This high-speed,
low-power driver is especially suited for applications that
require a large number of RF switches, such as phased array
radars.
Figure 3. Charge Injection
CL
1 nF
D
Rg
VO
V+
S
V-
5 V
IN
VL
Vg
- 3 V
GND
+ 15 V
+ 5 V
Figure 4. Crosstalk
S1
D2
S2
VS
1 V, 4 V
VO
IN2
Rg = 50 
1 V, 4 V
XTALK Isolation = 20 log
VS
VL
VO
V+
IN1
50
C = RF bypass
RL
D1
- 3 V
GND
V-
NC
C
+ 15 V
C
+ 5 V
C
Figure 5. High-Speed Sample-and-Hold
CLC111
75
+
-
LF356
1/4 DG611
5 V Control
Analog
Input
Input Buffer
S
IN
D
Output Buffer
± 5 V Output
to A/D
+ 5 V
+ 12 V
- 5 V
CHOLD
650 pF Polystyrene


Similar Part No. - DG612DY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG612DY-T1 VISHAY-DG612DY-T1 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
DG612DY-T1 VISHAY-DG612DY-T1 Datasheet
187Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
08-Feb-17
DG612DY-T1-E3 VISHAY-DG612DY-T1-E3 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
DG612DY-T1-E3 VISHAY-DG612DY-T1-E3 Datasheet
187Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
08-Feb-17
More results

Similar Description - DG612DY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
DG611 VISHAY-DG611 Datasheet
91Kb / 8P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. G, 13-Sep-99
DG611 VISHAY-DG611_V01 Datasheet
187Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
08-Feb-17
DG9421 VISHAY-DG9421_08 Datasheet
152Kb / 10P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. F, 29-Sep-08
DG9422 VISHAY-DG9422_V01 Datasheet
257Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
01-Jan-2022
DG9421 VISHAY-DG9421 Datasheet
71Kb / 8P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. C, 26-Aug-02
DG9421 VISHAY-DG9421_11 Datasheet
236Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. G, 18-Jul-11
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG401 VISHAY-DG401_09 Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com