Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG542DJ-E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG542DJ-E3
Description  Wideband/Video "T" Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG542DJ-E3 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG542DJ-E3 Datasheet HTML 2Page - Vishay Siliconix DG542DJ-E3 Datasheet HTML 3Page - Vishay Siliconix DG542DJ-E3 Datasheet HTML 4Page - Vishay Siliconix DG542DJ-E3 Datasheet HTML 5Page - Vishay Siliconix DG542DJ-E3 Datasheet HTML 6Page - Vishay Siliconix DG542DJ-E3 Datasheet HTML 7Page - Vishay Siliconix DG542DJ-E3 Datasheet HTML 8Page - Vishay Siliconix DG542DJ-E3 Datasheet HTML 9Page - Vishay Siliconix DG542DJ-E3 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.vishay.com
6
Document Number: 70055
S11-1429–Rev. H, 18-Jul-11
Vishay Siliconix
DG540, DG541, DG542
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS
(TA = 25 °C, unless otherwise noted)
Off Isolation vs. Frequency and
Load Resistance (DG540)
Charge Injection vs. VS
Switching and Break-Before-Make Time
vs. Temperature (DG542)
- 100
- 90
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
0
110
RL = 75 Ω
180
Ω
f - Frequency (MHz)
100
1 k
10 k
VS – Source Voltage (V)
40
30
20
10
0
- 10
- 20
- 30
- 40
- 3
- 2
- 1
0
1
2
3
4
5
6
7
8
CL = 1000 pF
Temperature (°C)
90
70
60
50
40
30
20
10
0
- 55
- 25
125
80
0
25
50
75
100
tON
tOFF
tBBM
All Hostile Crosstalk
Switching Times vs. Temperature (DG540/541)
Operating Supply Voltage Range
- 100
- 90
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
f – Frequency (MHz)
1
10
100
DG541
DG540
DG542
- 110
Temperature (°C)
90
70
60
50
40
30
20
10
0
- 55
- 25
125
80
tON
tOFF
0
25
50
75
100
V- – Negative Supply (V)
20
18
16
14
12
10
0
- 1
- 2- 3
- 4- 5- 6
Operating
Voltage
Area


Similar Part No. - DG542DJ-E3

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG542DJ TEMIC-DG542DJ Datasheet
154Kb / 10P
   Wideband/Video T Switches
logo
Vishay Siliconix
DG542DJ VISHAY-DG542DJ Datasheet
146Kb / 11P
   Wideband/Video T Switches
S-00399-Rev. G, 13-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com