Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG613AEY-T1-E3 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG613AEY-T1-E3
Description  1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG613AEY-T1-E3 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG613AEY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG613AEY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG613AEY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG613AEY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG613AEY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix DG613AEY-T1-E3 Datasheet HTML 10Page - Vishay Siliconix DG613AEY-T1-E3 Datasheet HTML 11Page - Vishay Siliconix DG613AEY-T1-E3 Datasheet HTML 12Page - Vishay Siliconix DG613AEY-T1-E3 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Document Number: 69904
S11-1066-Rev. C, 30-May-11
www.vishay.com
9
Vishay Siliconix
DG611A, DG612A, DG613A
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST CIRCUITS
Figure 1. Switching Time
0 V
Logic
Input
Switch
Input*
3 V
50 %
0 V
VS
tr < 5 ns
tf < 5 ns
90 %
tOFF
tON
VO
Note:
Logic input waveform is inverted for switches that
have the opposite logic sense control
CL (includes fixture and stray capacitance)
V+
IN
RL
RL + rDS(on)
VO = VS
S
D
- 5 V
VO
GND
CL
35 pF
V-
RL
300
+ 5 V
90 %
VS
Figure 2. Break-Before-Make (DG613A)
0 V
Logic
Input
Switch
Switch
Output
3 V
50 %
0 V
Output
0 V
90 %
VO2
VO1
90 %
VS1
VS2
tD
tD
VO2
CL (includes fixture and stray capacitance)
V+
S2
V-
S1
VS2
IN2
D2
VS1
RL2
300
D1
VO1
CL2
35 pF
-5 V
GND
+ 5 V
RL1
300
CL1
35 pF
IN1
Figure 3. Charge Injection
CL
1 nF
D
Rg
VO
V+
S
V-
3 V
IN
Vg
- 5 V
GND
+ 5 V
OFF
ON
OFF
OFF
ON
OFF
VO
VO
INX
INX
Q =
VO x CL


Similar Part No. - DG613AEY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG613AEY-T1-E3 VISHAY-DG613AEY-T1-E3 Datasheet
194Kb / 11P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 04-Feb-08
DG613AEY-T1-E3 VISHAY-DG613AEY-T1-E3 Datasheet
327Kb / 17P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
08-Feb-17
More results

Similar Description - DG613AEY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
08-Feb-17
DG611A VISHAY-DG611A Datasheet
194Kb / 11P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 04-Feb-08
DG611E VISHAY-DG611E Datasheet
410Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 24-Apr-17
DG611E VISHAY-DG611E_V01 Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
logo
Analog Devices
ADG612 AD-ADG612_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG636 AD-ADG636_15 Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. B
ADG613 AD-ADG613_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG604 AD-ADG604_15 Datasheet
162Kb / 12P
   1 pC Charge Injection, 100 pA Leakage
REV. 0
ADG611 AD-ADG611_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG611 AD-ADG611_09 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V, Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com