Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG642 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # DG642
Description  Low On-Resistance Wideband/Video Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG642 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button DG642 Datasheet HTML 6Page - Vishay Siliconix DG642 Datasheet HTML 7Page - Vishay Siliconix DG642 Datasheet HTML 8Page - Vishay Siliconix DG642 Datasheet HTML 9Page - Vishay Siliconix DG642 Datasheet HTML 10Page - Vishay Siliconix DG642 Datasheet HTML 11Page - Vishay Siliconix DG642 Datasheet HTML 12Page - Vishay Siliconix DG642 Datasheet HTML 13Page - Vishay Siliconix DG642 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.vishay.com
10
Document Number: 70058
S11-0154-Rev. F, 31-Jan-11
Vishay Siliconix
DG641, DG642, DG643
APPLICATIONS
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?70058.
Figure 9. 2-Channel Video Selector Using the DG642
+
-
+ 15 V
V+
V-
- 3 V
TTL Channel Select
A = 2
Si582
CH1
CH2
DG642
DIS
250
75
250
75
RL
75
75
VOUT
S1
S2
D1
D2
Figure 10. Active Low Pass Filter with Selectable Inputs and Break Frequencies
fc
1
2
R
3Cx
fc SELECT
IN2
S2
S3
D2
D3
C1
C2
R3
1/2 DG643
R1
R2
VOUT
S1
S4
D1
D4
IN1
CH1
CH2
CH SELECT
LF401
-
+
1/2 DG643


Similar Part No. - DG642

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG642 VISHAY-DG642 Datasheet
103Kb / 10P
   Low On-Resistance Wideband/Video Switches
Rev. E, 06-Sep-99
DG642 VISHAY-DG642 Datasheet
327Kb / 18P
   Low On-Resistance Wideband/Video Switches
Rev. F, 31-Jan-11
DG642 VISHAY-DG642 Datasheet
260Kb / 17P
   Low On-Resistance Wideband/Video Switches
08-Feb-17
DG642DJ VISHAY-DG642DJ Datasheet
103Kb / 10P
   Low On-Resistance Wideband/Video Switches
Rev. E, 06-Sep-99
DG642DJ VISHAY-DG642DJ Datasheet
260Kb / 17P
   Low On-Resistance Wideband/Video Switches
08-Feb-17
More results

Similar Description - DG642

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG642DJ-E3 VISHAY-DG642DJ-E3 Datasheet
327Kb / 18P
   Low On-Resistance Wideband/Video Switches
Rev. F, 31-Jan-11
DG641 VISHAY-DG641 Datasheet
103Kb / 10P
   Low On-Resistance Wideband/Video Switches
Rev. E, 06-Sep-99
DG641 VISHAY-DG641_V01 Datasheet
260Kb / 17P
   Low On-Resistance Wideband/Video Switches
08-Feb-17
logo
Integrated Device Techn...
IDTVS330 IDT-IDTVS330 Datasheet
168Kb / 10P
   LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
logo
Pericom Semiconductor C...
PI5V332 PERICOM-PI5V332 Datasheet
405Kb / 7P
   Low On-Resistance Wideband/Video Quad with Individual Control
PI5V331 PERICOM-PI5V331 Datasheet
159Kb / 5P
   Low ON Resistance Wideband/Video Dual 4-Channel Mux/Demux
PI5V330 PERICOM-PI5V330_13 Datasheet
863Kb / 8P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330SWE PERICOM-PI5V330SWE Datasheet
839Kb / 8P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330A PERICOM-PI5V330A Datasheet
299Kb / 7P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330 PERICOM-PI5V330 Datasheet
426Kb / 9P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com