Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG636 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG636
Description  0.5 pC Charge Injection, 100 pA Leakage, Dual SPDT Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG636 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG636_10 Datasheet HTML 1Page - Vishay Siliconix DG636_10 Datasheet HTML 2Page - Vishay Siliconix DG636_10 Datasheet HTML 3Page - Vishay Siliconix DG636_10 Datasheet HTML 4Page - Vishay Siliconix DG636_10 Datasheet HTML 5Page - Vishay Siliconix DG636_10 Datasheet HTML 6Page - Vishay Siliconix DG636_10 Datasheet HTML 7Page - Vishay Siliconix DG636_10 Datasheet HTML 8Page - Vishay Siliconix DG636_10 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.vishay.com
4
Document Number: 69901
S10-1815-Rev. D, 02-Aug-10
Vishay Siliconix
DG636
Power Supplies
Power Supply Current
I+
VIN = 0 V, or V+
Room
Full
0.001
0.5
1
0.5
1
µA
Negative Supply Current
I-
Room
Full
- 0.001
- 0.5
- 1
- 0.5
- 1
Ground Current
IGND
Room
Full
- 0.001
- 0.5
- 1
- 0.5
- 1
SPECIFICATIONS FOR DUAL SUPPLIES
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 5 V, V- = - 5 V
VIN A0, A1 and ENABLE = 2.0 V, 0.8 V
a
Temp.b
Typ.c
- 40 °C to 125 °C - 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
SPECIFICATIONS FOR SINGLE SUPPLY
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 5 V, V- = 0 V
VIN A0, A1 and ENABLE = 2.0 V, 0.8 V
a
Temp.b
Typ.c
- 40 °C to 125 °C
- 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
5
5
V
On-Resistance
RDS(on)
IS = 1 mA, VD = + 3.5 V
Room
Full
120
170
250
170
200
On-Resistance Match
R
ON
IS = 1 mA, VD = + 3.5 V
Room
Full
35
12
5
10
Switch Off
Leakage Current
(for 14 pin TSSOP)
IS(off)
V+ = 5.5 V, V- = 0 V
VD = 1 V/4.5 V, VS = 4.5 V/1 V
Room
Full
± 0.01
- 0.1
- 18
0.1
18
- 0.1
- 0.5
0.1
0.5
nA
ID(off)
Room
Full
± 0.01
- 0.1
- 18
0.1
18
- 0.1
- 0.5
0.1
0.5
Channel On
Leakage Current
(for 14 pin TSSOP)
ID(on)
V+ = 5.5 V, V- = 0 V
VS = VD = 1 V/4.5 V
Room
Full
± 0.01
- 0.1
- 18
0.1
18
- 0.1
- 0.5
0.1
0.5
Switch Off
Leakage Current
(for 16 pin miniQFN)
IS(off)
V+ = 5.5 V, V- = 0 V
VD = 1 V/4.5 V, VS = 4.5 V/1 V
Room
Full
± 0.01
- 1
- 18
1
18
- 1
- 2
1
2
ID(off)
Room
Full
± 0.01
- 1
- 18
1
18
- 1
- 2
1
2
Channel On
Leakage Current
(for 16 pin miniQFN)
ID(on)
V+ = 5.5 V, V- = 0 V,
VS = VD = 1 V/4.5 V
Room
Full
± 0.01
- 1
- 18
1
18
- 1
- 2
1
2
Digital Control
Input Current, VIN Low
IL
VIN A0, A1 and ENABLE
Under Test = 0.8 V
Full
0.005
- 0.1
0.1
- 0.1
0.1
µA
Input Current, VIN High
IH
VIN A0, A1 and ENABLE
Under Test = 2.0 V
Full
0.005
- 0.1
0.1
- 0.1
0.1
Input Capacitance
CIN
f = 1 MHz
Room
4.3
pF
Dynamic Characteristics
Transition Time
tTRANS
VS(CLOSE) = 3 V, VS(OPEN) = 0.0 V,
RL = 300 , CL = 35 pF
Room
Full
36
75
120
75
95
ns
Enable Turn-On Time
tON(EN)
Room
Full
30
70
102
70
80
Enable Turn-Off Time
tOFF(EN)
Room
Full
17
47
88
47
63
Break-Before-Make-Time
tBMM
Room
Full
23
55
Charge Injection
Q
CL = 1 nF, RGEN = 0 , VGEN = 0 V
Full
0.1
pC
Off-Isolatione
OIRR
f = 10 MHz, RL = 50 , CL = 5 pF
Room
- 58
dB
Crosstalke
XTALK
Room
- 81
Bandwidthe
BW
RL = 50 
Room
520
MHz


Similar Part No. - DG636_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG636E VISHAY-DG636E Datasheet
315Kb / 17P
   0.3 pC Charge Injection, 100 pA Leakage CMOS ± 5 V / 5 V / 3 V Dual SPDT Analog Switch
Rev. B, 09-Oct-17
DG636EEN-T1-GE4 VISHAY-DG636EEN-T1-GE4 Datasheet
315Kb / 17P
   0.3 pC Charge Injection, 100 pA Leakage CMOS ± 5 V / 5 V / 3 V Dual SPDT Analog Switch
Rev. B, 09-Oct-17
DG636EEQ-T1-GE4 VISHAY-DG636EEQ-T1-GE4 Datasheet
315Kb / 17P
   0.3 pC Charge Injection, 100 pA Leakage CMOS ± 5 V / 5 V / 3 V Dual SPDT Analog Switch
Rev. B, 09-Oct-17
DG636EN-T1-E4 VISHAY-DG636EN-T1-E4 Datasheet
190Kb / 10P
   0.5 pC Charge Injection, 100 pA Leakage, Dual SPDT Analog Switch
Rev. B, 04-Feb-08
DG636EN-T1-E4 VISHAY-DG636EN-T1-E4 Datasheet
240Kb / 15P
   0.5 pC Charge Injection, 100 pA Leakage, Dual SPDT Analog Switch
01-Jan-2022
More results

Similar Description - DG636_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG636 VISHAY-DG636_V01 Datasheet
240Kb / 15P
   0.5 pC Charge Injection, 100 pA Leakage, Dual SPDT Analog Switch
01-Jan-2022
DG636 VISHAY-DG636 Datasheet
190Kb / 10P
   0.5 pC Charge Injection, 100 pA Leakage, Dual SPDT Analog Switch
Rev. B, 04-Feb-08
logo
Analog Devices
ADG612 AD-ADG612_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG636 AD-ADG636_15 Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. B
ADG613 AD-ADG613_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG604 AD-ADG604_15 Datasheet
162Kb / 12P
   1 pC Charge Injection, 100 pA Leakage
REV. 0
ADG611 AD-ADG611_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG636 AD-ADG636 Datasheet
147Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 5 V/5 V/3 V Dual SPDT Switch
REV. 0
ADG636YRU-REEL AD-ADG636YRU-REEL Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V Dual SPDT Switch
REV. B
logo
Vishay Siliconix
DG611E VISHAY-DG611E Datasheet
410Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 24-Apr-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com