Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG540DJ-E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG540DJ-E3
Description  Wideband/Video "T" Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG540DJ-E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG540DJ-E3 Datasheet HTML 1Page - Vishay Siliconix DG540DJ-E3 Datasheet HTML 2Page - Vishay Siliconix DG540DJ-E3 Datasheet HTML 3Page - Vishay Siliconix DG540DJ-E3 Datasheet HTML 4Page - Vishay Siliconix DG540DJ-E3 Datasheet HTML 5Page - Vishay Siliconix DG540DJ-E3 Datasheet HTML 6Page - Vishay Siliconix DG540DJ-E3 Datasheet HTML 7Page - Vishay Siliconix DG540DJ-E3 Datasheet HTML 8Page - Vishay Siliconix DG540DJ-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Document Number: 70055
S11-1429–Rev. H, 18-Jul-11
www.vishay.com
5
Vishay Siliconix
DG540, DG541, DG542
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Supply Curent vs. Temperature
RDS(on) vs. Drain Voltage
On Capacitance
Temperature (°C)
6
5
4
3
2
1
0
- 1
- 2
- 3
- 4
- 5
- 55
- 35
- 15
5
25
45
65
85
105
125
IGND
I-
I+
VD – Drain Voltage (V)
160
140
120
100
80
60
40
20
0
- 3
- 1
1
3
5
7
9
11
V+ = 15 V
V- = - 3 V
125 °C
- 55 °C
25 °C
VD – Drain Voltage (V)
22
20
18
16
14
12
10
8
6
0
2
4
6
8
10
12
14
ID(off), IS(off) vs. Temperature
V+ Constant
V- Constant
Off Isolation
Temperature (°C)
0
- 55
125
100 nA
10 nA
1 nA
100 pA
10 pA
1 pA
0.1 pA
- 25
25
50
75
100
V- – Negative Supply (V)
V+ – Positive Supply (V)
42
40
38
36
34
32
30
20
18
10 11 12 13 14 15 16
42
40
38
36
34
32
30
20
18
- 5
- 4
- 3
- 2
- 1
0
V+ = 12 V
V+ = 15 V
V- = - 5 V
V- = - 1 V
V+ = 10 V
V- = - 3 V
f – Frequency (MHz)
1
10
100
- 110
- 100
- 90
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
DG541
DG540
DG542
RL = 75 Ω


Similar Part No. - DG540DJ-E3

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG540DJ TEMIC-DG540DJ Datasheet
154Kb / 10P
   Wideband/Video T Switches
logo
Vishay Siliconix
DG540DJ VISHAY-DG540DJ Datasheet
146Kb / 11P
   Wideband/Video T Switches
S-00399-Rev. G, 13-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com