Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG604EQ-T1-E3 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG604EQ-T1-E3
Description  1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG604EQ-T1-E3 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG604EQ-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG604EQ-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG604EQ-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG604EQ-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG604EQ-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG604EQ-T1-E3 Datasheet HTML 9Page - Vishay Siliconix DG604EQ-T1-E3 Datasheet HTML 10Page - Vishay Siliconix DG604EQ-T1-E3 Datasheet HTML 11Page - Vishay Siliconix DG604EQ-T1-E3 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Document Number: 69934
S11-1429-Rev. C, 18-Jul-11
www.vishay.com
9
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Vishay Siliconix
DG604
TEST CIRCUITS
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?69934.
Figure 4. Charge Injection
A0
A1
ENABLE
GND
V+
V-
V-
V+
VO
CL
1 nF
D
Sx
0 V
VCC
VO
VENABLE
Rg
Channel
Select
Vg
ON
OFF
CHARGE INJECTION =
ΔVO x CL
tr < 5 ns
tf < 5 ns
ΔV
O
Figure 5. Insertion Loss
Figure 7. Crosstalk
A0
A1
ENABLE
GND
V+
V-
V-
V+
VOUT
D
S1
Vg
Rg = 50 Ω
50
Ω
VIN
Network Analyzer
Insertion Loss = 20 log
VOUT
VIN
V+
A0
A1
ENABLE
GND
V
V-
V-
V
VOUT
D
S4
Vg
Rg = 50 Ω
50
Ω
Network Analyzer
Crosstalk = 20 log
VOUT
VIN
50
Ω
S1
V+
VIN
Figure 6. Off-Isolation
Figure 8. Source/Drain Capacitance
A0
A1
ENABLE
GND
V+
V-
V-
V+
VOUT
D
S4
Vg
Rg = 50 Ω
50
Ω
VIN
Network Analyzer
Off Isolation = 20 log
VOUT
VIN
A0
A1
ENABLE
GND
V+
V-
V+
D
S1
|
to
|
S4
Impedance
Analyzer
Channel
Select
V-
V+


Similar Part No. - DG604EQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG604EQ-T1-E3 VISHAY-DG604EQ-T1-E3 Datasheet
190Kb / 10P
   1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
Rev. A, 24-Dec-07
DG604EQ-T1-E3 VISHAY-DG604EQ-T1-E3 Datasheet
242Kb / 13P
   1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
01-Jan-2022
More results

Similar Description - DG604EQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG604 VISHAY-DG604 Datasheet
190Kb / 10P
   1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
Rev. A, 24-Dec-07
DG604 VISHAY-DG604_V01 Datasheet
242Kb / 13P
   1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
01-Jan-2022
logo
Analog Devices
ADG612 AD-ADG612_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG636 AD-ADG636_15 Datasheet
498Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. B
ADG613 AD-ADG613_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
ADG604 AD-ADG604_15 Datasheet
162Kb / 12P
   1 pC Charge Injection, 100 pA Leakage
REV. 0
ADG611 AD-ADG611_15 Datasheet
361Kb / 16P
   1 pC Charge Injection, 100 pA Leakage
REV. A
logo
Vishay Siliconix
DG611E VISHAY-DG611E Datasheet
410Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 24-Apr-17
logo
Analog Devices
ADG604 AD-ADG604 Datasheet
155Kb / 12P
   1 pC Charge Injection, 100 pA Leakage CMOS 짹5 V/5 V/3 V 4-Channel Multiplexer
REV. 0
logo
Vishay Siliconix
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com