Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG529BK Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG529BK
Description  Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG529BK Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG529BK Datasheet HTML 3Page - Vishay Siliconix DG529BK Datasheet HTML 4Page - Vishay Siliconix DG529BK Datasheet HTML 5Page - Vishay Siliconix DG529BK Datasheet HTML 6Page - Vishay Siliconix DG529BK Datasheet HTML 7Page - Vishay Siliconix DG529BK Datasheet HTML 8Page - Vishay Siliconix DG529BK Datasheet HTML 9Page - Vishay Siliconix DG529BK Datasheet HTML 10Page - Vishay Siliconix DG529BK Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Document Number: 70068
S11-1029–Rev. D, 23-May-11
www.vishay.com
7
Vishay Siliconix
DG528, DG529
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST CIRCUITS
Figure 6. Enable tON/tOFF Time
DG528
DG529
RS
EN
+ 2.4 V
S1
S2 - S 8
A0
A1
A2
50
Ω
WR
300
Ω
VO
V+
GND
V-
D
- 5 V
35 pF
- 15 V
+ 15 V
S1b
S1a - S 4a, Da
S2b - S 4b
RS
Db
A0
A1
50
Ω
WR
300
Ω
VO
EN
+ 2.4 V
V+
GND
V-
- 5 V
35 pF
- 15 V
+ 15 V
Logic
Input
Switch
Output
VO
tr < 20 ns
tf < 20 ns
3 V
0 V
0 V
tOFF(EN)
tON(EN)
50 %
90 %
VO
Figure 7. Write Turn-On Time tON(WR)
3 V
0 V
0 V
50 %
DG528
DG529
WR
Switch
Output
VO
20 %
tON(WR)
A0, A1, (A2)
Db, D
EN
WR
300 W
Remaining
Switches
S1 or S1b
VO
RS
V+
GND
V-
+ 5 V
35 pF
- 15 V
+ 15 V
+ 2.4 V


Similar Part No. - DG529BK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG529BK INTERSIL-DG529BK Datasheet
308Kb / 16P
   Analog CMOS Latchable Multiplexers
April 1999
logo
Vishay Siliconix
DG529BK VISHAY-DG529BK Datasheet
170Kb / 11P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
08-Feb-17
More results

Similar Description - DG529BK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG428 VISHAY-DG428_08 Datasheet
151Kb / 12P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG528 VISHAY-DG528_V01 Datasheet
170Kb / 11P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
08-Feb-17
DG428 VISHAY-DG428_V01 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG508AMIL VISHAY-DG508AMIL Datasheet
197Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
DG458 VISHAY-DG458_08 Datasheet
131Kb / 10P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. G, 11-Jun-07
DG458 VISHAY-DG458_11 Datasheet
160Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. H, 23-May-11
DG458 VISHAY-DG458 Datasheet
90Kb / 8P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. F, 06-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com