Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG508BEQ-T1-E3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG508BEQ-T1-E3
Description  Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG508BEQ-T1-E3 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG508BEQ-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG508BEQ-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG508BEQ-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG508BEQ-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG508BEQ-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG508BEQ-T1-E3 Datasheet HTML 9Page - Vishay Siliconix DG508BEQ-T1-E3 Datasheet HTML 10Page - Vishay Siliconix DG508BEQ-T1-E3 Datasheet HTML 11Page - Vishay Siliconix DG508BEQ-T1-E3 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
www.vishay.com
8
Document Number: 64821
S10-2817-Rev. D, 20-Dec-10
Vishay Siliconix
DG508B, DG509B
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
On-Resistance vs. Analog Voltage
and Temperature
THD vs. Frequency
Insertion Loss, Off-Isolation, Crosstalk vs. Frequency
50
100
150
200
250
300
350
- 20 - 16 - 12
- 8
- 4
0
4
8
12
16
20
+ 125 °C
+ 85 °C
+ 25 °C
- 40 °C
V - Analog Voltage (V)
V = ± 20 V
IS = 1 mA
0
0.01
0.1
1
10
10
100
1000
10 000
100 000
Frequency (Hz)
R
L = 10 k
V
Signal = 5 VRMS
V = + 12 V
V = ± 15 V
- 100
- 90
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
0
10
Frequency (Hz)
100K
Loss
OIRR
X
Talk
V+ = 12 V
R
L = 50 
1M
10M
100M 200M
Switching Threshold vs. Supply Voltage
Insertion Loss, Off-Isolation, Crosstalk vs. Frequency
Supply Current vs. Input Switching Frequency
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
5
6
7
8
9 101112 131415 161718 1920
Supply Voltage (V)
V
IH
V
IL
- 100
- 90
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
0
10
Frequency (Hz)
100K
1M
10M
100M
300M
Loss
XTalk
V = ± 15 V
R
L = 50 
OIRR
V = ± 15.0 V
V = + 12.0 V
Input Switching Frequency (Hz)
10
100
1K
10K
100K
1M
10M
100 mA
10 mA
1 mA
100 µA
10 µA
1 µA


Similar Part No. - DG508BEQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG508B VISHAY-DG508B Datasheet
371Kb / 21P
   Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
08-Feb-17
DG508B VISHAY-DG508B_V01 Datasheet
371Kb / 21P
   Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
08-Feb-17
More results

Similar Description - DG508BEQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG508B VISHAY-DG508B_V01 Datasheet
371Kb / 21P
   Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Maxim Integrated Produc...
MAX308 MAXIM-MAX308 Datasheet
123Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
Rev. B, 22-Mar-10
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Maxim Integrated Produc...
MAX398 MAXIM-MAX398_V01 Datasheet
564Kb / 20P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
MAX308CUE MAXIM-MAX308CUE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX309EUE MAXIM-MAX309EUE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX398 MAXIM-MAX398 Datasheet
101Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 2; 7/96
MAX308 MAXIM-MAX308_V01 Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 2; 8/02
DG408CJ MAXIM-DG408CJ Datasheet
374Kb / 12P
   iMPROVED, 8-cHANNEL/dUAL 4-cHANNEL, cmos aNALOG mULTIPLEXERS
19-4729; Rev 3; 6/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com