Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG470EY-T1-E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG470EY-T1-E3
Description  High Voltage, Single and Dual Supply SPDT Analog Switch with Enable Pin
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG470EY-T1-E3 Datasheet(HTML) 7 Page - Vishay Siliconix

  DG470EY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix DG470EY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG470EY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG470EY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG470EY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG470EY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG470EY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG470EY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG470EY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 71470
S09-1053-Rev. D, 08-Jun-09
www.vishay.com
7
Vishay Siliconix
DG469, DG470
TYPICAL CHARACTERISTICS
TEST CIRCUITS
Insertion Loss, Off-Isolation, Crosstalk
vs. Frequency
Switching Threshold vs. Dual Supply Voltage
Frequency (Hz)
- 90
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
0
OIRR
XTALK
0 Hz
300 kHz
1 MHz
10 MHz
100 MHz
1 GHz
BW
V+ - Supply Voltage (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
4
6
8
1012
14
1618
20
Switching Threshold vs. Signal Supply Voltage
DG469, DG470 Total Harmonic Distortion
V+ - Supply Voltage (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
4
8
12
16
20
24
28
32
36
0.001
0.01
0.1
1
10
100
1000
10 000
100 000
Frequency (Hz)
+ 12 V
± 15 V
± 10 V
Figure 1. Switching Time
CL (includes fixture and stray capacitance)
RL
RL + rDS(on)
VO = VS
V-
IN
S
D
CL
35 pF
- 15 V
GND
VO
10 V
V+
RL
300
+ 15 V
0 V
Logic
Input
Switch
Input
3 V
50 %
0 V
VO
VS
tr < 5 ns
tf < 5 ns
tOFF
tON
90 %
Note:
Logic input waveform is inverted for switches that have the
opposite logic sense control.
90 %


Similar Part No. - DG470EY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG470EY-T1-E3 VISHAY-DG470EY-T1-E3 Datasheet
185Kb / 9P
   High Voltage, Single and Dual Supply SPDT Analog Switch with Enable Pin
Rev. C, 17-Dec-07
More results

Similar Description - DG470EY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG469 VISHAY-DG469 Datasheet
185Kb / 9P
   High Voltage, Single and Dual Supply SPDT Analog Switch with Enable Pin
Rev. C, 17-Dec-07
logo
Maxim Integrated Produc...
MAX4564 MAXIM-MAX4564_12 Datasheet
316Kb / 11P
   Low-Voltage, Dual-Supply,SPDT Analog Switch with Enable
Rev 2; 10/12
MAX4564 MAXIM-MAX4564 Datasheet
237Kb / 12P
   Low-Voltage, Dual-Supply, SPDT Analog Switch with Enable
Rev 1; 10/03
logo
Renesas Technology Corp
ISL43231 RENESAS-ISL43231 Datasheet
938Kb / 16P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
logo
Intersil Corporation
ISL43231 INTERSIL-ISL43231 Datasheet
537Kb / 15P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
ISL43231 INTERSIL-ISL43231_06 Datasheet
491Kb / 15P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
ISL43240IAZ INTERSIL-ISL43240IAZ Datasheet
498Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
December 15, 2014
logo
Renesas Technology Corp
ISL43240 RENESAS-ISL43240 Datasheet
975Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
logo
Maxim Integrated Produc...
MAX4736 MAXIM-MAX4736 Datasheet
332Kb / 11P
   0.8?? Low-Voltage, Single-Supply, Dual SPDT Analog Switch
Rev 0; 4/02
logo
Intersil Corporation
ISL43840 INTERSIL-ISL43840_06 Datasheet
471Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com