Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG469EY-T1-E3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG469EY-T1-E3
Description  High Voltage, Single and Dual Supply SPDT Analog Switch with Enable Pin
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG469EY-T1-E3 Datasheet(HTML) 8 Page - Vishay Siliconix

  DG469EY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix DG469EY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG469EY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG469EY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG469EY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG469EY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG469EY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG469EY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG469EY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
8
Document Number: 71470
S09-1053-Rev. D, 08-Jun-09
Vishay Siliconix
DG469, DG470
TEST CIRCUITS
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?71470.
Figure 2. Break-Before-Make
IN
VNO
COM
V -
VNC
NC
V+
NO
- 15 V
GND
V+
CL
35 pF
VO
RL
50
Ω
CL (includes fixture and stray capacitance)
VINL
VINH
0 V
Logic
Input
Switch
Output
VO
VNC = VNO
tr < 5 ns
tf < 5 ns
90 %
tD
tD
Figure 3. Charge Injection
CL
1 nF
NO or NC
Rg
VO
V+
COM
V-
3 V
EN
Vg
- 15 V
GND
+ 15 V
OFF
ON
OFF
OFF
ON
OFF
VO
ΔVO
ENX
ENX
Q =
ΔVO x CL
VINH or VINL
IN
Switch under test
NO
NC
IN
VINH
VINL
Figure 4. Off-Isolation
V+
S
Rg = 50 Ω
D
- 15 V
VS
GND
V -
C
RL
IN
VO
0 V, 2.4 V
Off Isolation = 20 log
VO
VS
+ 15 V
C
50
Ω
C = RF Bypass
Figure 5. Source/Drain Capacitances
IN
S
V+
D
C
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
+ 15 V
C
IN
S
V+
D
- 15 V
GND
V-
C
0 V, 2.4 V
C


Similar Part No. - DG469EY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG469EY-T1-E3 VISHAY-DG469EY-T1-E3 Datasheet
185Kb / 9P
   High Voltage, Single and Dual Supply SPDT Analog Switch with Enable Pin
Rev. C, 17-Dec-07
More results

Similar Description - DG469EY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG469 VISHAY-DG469 Datasheet
185Kb / 9P
   High Voltage, Single and Dual Supply SPDT Analog Switch with Enable Pin
Rev. C, 17-Dec-07
logo
Maxim Integrated Produc...
MAX4564 MAXIM-MAX4564_12 Datasheet
316Kb / 11P
   Low-Voltage, Dual-Supply,SPDT Analog Switch with Enable
Rev 2; 10/12
MAX4564 MAXIM-MAX4564 Datasheet
237Kb / 12P
   Low-Voltage, Dual-Supply, SPDT Analog Switch with Enable
Rev 1; 10/03
logo
Renesas Technology Corp
ISL43231 RENESAS-ISL43231 Datasheet
938Kb / 16P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
logo
Intersil Corporation
ISL43231 INTERSIL-ISL43231 Datasheet
537Kb / 15P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
ISL43231 INTERSIL-ISL43231_06 Datasheet
491Kb / 15P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
ISL43240IAZ INTERSIL-ISL43240IAZ Datasheet
498Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
December 15, 2014
logo
Renesas Technology Corp
ISL43240 RENESAS-ISL43240 Datasheet
975Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
logo
Maxim Integrated Produc...
MAX4736 MAXIM-MAX4736 Datasheet
332Kb / 11P
   0.8?? Low-Voltage, Single-Supply, Dual SPDT Analog Switch
Rev 0; 4/02
logo
Intersil Corporation
ISL43840 INTERSIL-ISL43840_06 Datasheet
471Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com