Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F5932A Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC87F5932A
Description  Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5932A Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC87F5932A_08 Datasheet HTML 1Page - Sanyo Semicon Device LC87F5932A_08 Datasheet HTML 2Page - Sanyo Semicon Device LC87F5932A_08 Datasheet HTML 3Page - Sanyo Semicon Device LC87F5932A_08 Datasheet HTML 4Page - Sanyo Semicon Device LC87F5932A_08 Datasheet HTML 5Page - Sanyo Semicon Device LC87F5932A_08 Datasheet HTML 6Page - Sanyo Semicon Device LC87F5932A_08 Datasheet HTML 7Page - Sanyo Semicon Device LC87F5932A_08 Datasheet HTML 8Page - Sanyo Semicon Device LC87F5932A_08 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
82008HKIM 20060331-S00015 No.A0141-1/27
Ver.1.10
LC87F5932A
Overview
The SANYO LC87F5932A is an 8-bit microcomputer that, centered around a CPU running at a minimum bus cycle time
of 83.3ns, integrates on a single chip a number of hardware features such as 32K-byte flash ROM (onboard
programmable), 1024-byte RAM, an on-chip debugger, sophisticated 16-bit timers/counters (may be divided into 8-bit
timers), a 16-bit timer/counter (may be divided into 8-bit timers/counters or 8-bit PWMs), four 8-bit timers with
a prescaler, a base timer serving as a time-of-day clock, a high-speed clock counter, a synchronous SIO interface (with
automatic block transmission/reception capabilities), an asynchronous/synchronous SIO interface, a UART interface (full
duplex), an 8-bit 11-channel AD converter, two 12-bit PWM channels, a system clock frequency divider, ROM
correction function, and a 23-source 10-vector interrupt feature.
Features
Flash ROM
• Capable of on-board-programing with wide range, 3.0 to 5.5V, of voltage source.
• Block-erasable in 128 byte units
• 32768 × 8 bits (LC87F5932A)
RAM
• 1024 × 9 bits (LC87F5932A)
Minimum Bus Cycle
• 83.3ns (12MHz)
VDD=3.0 to 5.5V
• 125ns (8MHz)
VDD=2.5 to 5.5V
• 500ns (2MHz)
VDD=2.2 to 5.5V
Note: The bus cycle time here refers to the ROM read speed.
Ordering number : ENA0141A
CMOS IC
Internal 32K-byte FROM and 1024-byte RAM
8-bit 1-chip Microcontroller
* This product is licensed from Silicon Storage Technology, Inc. (USA), and manufactured and sold by
SANYO Semiconductor Co., Ltd.
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Similar Part No. - LC87F5932A_08

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F5932A SANYO-LC87F5932A Datasheet
183Kb / 25P
   CMOS IC Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
More results

Similar Description - LC87F5932A_08

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F5932A SANYO-LC87F5932A Datasheet
183Kb / 25P
   CMOS IC Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A Datasheet
180Kb / 27P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7032A SANYO-LC87F7032A Datasheet
136Kb / 21P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7H32A SANYO-LC87F7H32A Datasheet
180Kb / 28P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F7932B SANYO-LC87F7932B Datasheet
196Kb / 29P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC875932A SANYO-LC875932A Datasheet
171Kb / 23P
   CMOS IC Internal 32K/24K/16K-byte ROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC87F40C8A SANYO-LC87F40C8A Datasheet
177Kb / 26P
   Internal 128K-byte FROM (ROM/CGROM), 2048 byte RAM, 1024-byte CGRAM, and 704횞10-bit CRT Display RAM 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com