Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F5864B Datasheet(PDF) 15 Page - Sanyo Semicon Device

Part # LC87F5864B
Description  FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5864B Datasheet(HTML) 15 Page - Sanyo Semicon Device

Back Button LC87F5864B Datasheet HTML 11Page - Sanyo Semicon Device LC87F5864B Datasheet HTML 12Page - Sanyo Semicon Device LC87F5864B Datasheet HTML 13Page - Sanyo Semicon Device LC87F5864B Datasheet HTML 14Page - Sanyo Semicon Device LC87F5864B Datasheet HTML 15Page - Sanyo Semicon Device LC87F5864B Datasheet HTML 16Page - Sanyo Semicon Device LC87F5864B Datasheet HTML 17Page - Sanyo Semicon Device LC87F5864B Datasheet HTML 18Page - Sanyo Semicon Device LC87F5864B Datasheet HTML 19Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
LC87F5864B
No.8296-15/23
Serial Input/Output Characteristics at Ta = -20°C to +70°C, VSS1 = VSS2 = VSS3 = 0V
1. SIO0 Serial I/O Characteristics (Note 4-1-1)
Specification
Parameter
Symbol
Pin/Remarks
Conditions
VDD [V]
min
typ
max
unit
Frequency
tSCK(1)
2
Low level
pulse width
tSCKL(1)
1
tSCKH(1)
See Fig. 6.
1
High level
pulse width
tSCKHA(1)
SCK0(P12)
• Continuous data
transmission/reception mode
• See Fig. 6.
• (Note 4-1-2)
2.2 to 3.6
4
Frequency
tSCK(2)
4/3
tCYC
Low level
pulse width
tSCKL(2)
1/2
tSCKH(2)
• CMOS output selected
• See Fig. 6.
1/2
tSCK
High level
pulse width
tSCKHA(2)
SCK0(P12)
• Continuous data
transmission/reception mode
• CMOS output selected
• See Fig. 6.
2.2 to 3.6
tSCKH(2)
+2tCYC
tSCKH(2)
+(10/3)
tCYC
tCYC
Data setup time
tsDI(1)
2.2 to 3.6
0.03
Data hold time
thDI(1)
SB0(P11),
SI0(P11)
• Must be specified with respect
to rising edge of SIOCLK.
• See Fig. 6.
2.2 to 3.6
0.03
tdD0(1)
• Continuous data
transmission/reception mode
• (Note 4-1-3)
2.2 to 3.6
(1/3)tCYC
+0.05
tdD0(2)
• Synchronous 8-bit mode
• (Note 4-1-3)
2.2 to 3.6
1tCYC
+0.05
Output delay
time
tdD0(3)
SO0(P10),
SB0(P11)
(Note 4-1-3)
2.2 to 3.6
(1/3)tCYC
+0.15
µs
Note 4-1-1: These specifications are theoretical values. Add margin depending on its use.
Note 4-1-2: To use serial-clock-input in continuous trans / rec mode, a time from SI0RUN being set when serial clock is
"H" to the first negative edge of the serial clock must be longer than tSCKHA.
Note 4-1-3: Must be specified with respect to falling edge of SIOCLK. Must be specified as the time to the beginning of
output state change in open drain output mode. See Fig. 6.


Similar Part No. - LC87F5864B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F5864C SANYO-LC87F5864C Datasheet
158Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results

Similar Description - LC87F5864B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F6D64A SANYO-LC87F6D64A Datasheet
144Kb / 19P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864C SANYO-LC87F5864C Datasheet
158Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5N62B SANYO-LC87F5N62B Datasheet
176Kb / 25P
   CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F2932A SANYO-LC87F2932A Datasheet
203Kb / 29P
   CMOS IC FROM 32K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5M64A SANYO-LC87F5M64A Datasheet
171Kb / 22P
   CMOS IC FROM FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
LC87F7H32A SANYO-LC87F7H32A Datasheet
180Kb / 28P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F7932B SANYO-LC87F7932B Datasheet
196Kb / 29P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com