Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F5864B Datasheet(PDF) 12 Page - Sanyo Semicon Device

Part # LC87F5864B
Description  FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5864B Datasheet(HTML) 12 Page - Sanyo Semicon Device

Back Button LC87F5864B Datasheet HTML 8Page - Sanyo Semicon Device LC87F5864B Datasheet HTML 9Page - Sanyo Semicon Device LC87F5864B Datasheet HTML 10Page - Sanyo Semicon Device LC87F5864B Datasheet HTML 11Page - Sanyo Semicon Device LC87F5864B Datasheet HTML 12Page - Sanyo Semicon Device LC87F5864B Datasheet HTML 13Page - Sanyo Semicon Device LC87F5864B Datasheet HTML 14Page - Sanyo Semicon Device LC87F5864B Datasheet HTML 15Page - Sanyo Semicon Device LC87F5864B Datasheet HTML 16Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
LC87F5864B
No.8296-12/23
Absolute Maximum Ratings at Ta = 25°C, VSS1 = VSS2 = VSS3 = 0V
Specification
Parameter
Symbol
Pin/Remarks
Conditions
VDD [V]
min
typ
max
unit
Maximum supply
voltage
VDD max
VDD1, VDD2, VDD3VDD1=VDD2=VDD3
-0.3
+4.6
Input voltage
VI(1)
XT1, CF1
-0.3
VDD+0.3
Input/output voltage
VIO(1)
Ports 0, 1, 2
Ports 7, 8
Ports B, C
PWM2, PWM3, XT2
-0.3
VDD+0.3
V
Peak output
current
(Note 1-1)
IOPH(1)
Ports 0, 1, 2, 7
Ports B, C
PWM2, PWM3
CMOS output select
Per 1 applicable pin
-4
ΣIOAH(1)
Port 7
Total of all applicable pins
-10
ΣIOAH(2)
Port 1
PWM2, PWM3
Total of all applicable pins
-25
ΣIOAH(3)
Ports 0, 2
Total of all applicable pins
-25
ΣIOAH(4)
Port B
Total of all applicable pins
-25
Total output
current
ΣIOAH(5)
Port C
Total of all applicable pins
-25
IOPL(1)
P02 to P07
Ports 1, 2, 7, 8
Ports B, C
PWM2, PWM3, XT2
Per 1 applicable pin
6
Peak output
current
(Note 1-1)
IOPL(2)
P00, P01
Per 1 applicable pin
15
ΣIOAL(1)
Port 7
P83 to P86, XT2
Total of all applicable pins
10
ΣIOAL(2)
P80 to P82
Total of all applicable pins
10
ΣIOAL(3)
Port 1
PWM2, PWM3
Total of all applicable pins
25
ΣIOAL(4)
Ports 0, 2
Total of all applicable pins
25
ΣIOAL(5)
Port B
Total of all applicable pins
25
Total output
current
ΣIOAL(6)
Port C
Total of all applicable pins
25
mA
QIP64E (14
× 14)
414
TQFP64 (10
× 10)
236
TQFP64J (10
× 10)
284
TQFP64J (7
× 7)
192
Power dissipation
Pd max
VQFN64 (10
× 10)
Ta= -20 to +70
°C
209
mW
Operating ambient
temperature
Topr
-20
+70
Storage ambient
temperature
Tstg
-55
+125
°C
Note 1-1 : The average current per applicable pin must not exceed 1mA.


Similar Part No. - LC87F5864B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F5864C SANYO-LC87F5864C Datasheet
158Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results

Similar Description - LC87F5864B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F6D64A SANYO-LC87F6D64A Datasheet
144Kb / 19P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864C SANYO-LC87F5864C Datasheet
158Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5N62B SANYO-LC87F5N62B Datasheet
176Kb / 25P
   CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F2932A SANYO-LC87F2932A Datasheet
203Kb / 29P
   CMOS IC FROM 32K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5M64A SANYO-LC87F5M64A Datasheet
171Kb / 22P
   CMOS IC FROM FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
LC87F7H32A SANYO-LC87F7H32A Datasheet
180Kb / 28P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F7932B SANYO-LC87F7932B Datasheet
196Kb / 29P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com